Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17-0018-20 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # 17-0018-20
Description  Real-time clock support
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

17-0018-20 Datasheet(HTML) 5 Page - Zilog, Inc.

  17-0018-20 Datasheet HTML 1Page - Zilog, Inc. 17-0018-20 Datasheet HTML 2Page - Zilog, Inc. 17-0018-20 Datasheet HTML 3Page - Zilog, Inc. 17-0018-20 Datasheet HTML 4Page - Zilog, Inc. 17-0018-20 Datasheet HTML 5Page - Zilog, Inc. 17-0018-20 Datasheet HTML 6Page - Zilog, Inc. 17-0018-20 Datasheet HTML 7Page - Zilog, Inc. 17-0018-20 Datasheet HTML 8Page - Zilog, Inc. 17-0018-20 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PS023603-0907
P R E L I M I N A R Y
eZ80F91 Mini Enet Module
eZ80F91 Mini Enet Module
Product Specification
1
eZ80F91 Mini Enet Module
Zilog’s eZ80F91 Mini Enet Module is a compact, high-performance Ethernet module
specially designed for the rapid development and deployment of embedded systems
requiring control and Internet/Intranet connectivity.
This expandable module is powered by Zilog’s latest power-efficient, high-speed,
optimized pipeline architecture eZ80F91 microcontroller, a member of Zilog’s family of
eZ80Acclaim!® Flash Microcontrollers.
The eZ80F91 is a high-speed single-cycle instruction-fetch microcontroller, which can
operate with a clock speed of 50 MHz. It can operate in Z80®-compatible addressing
mode (64 KB) or full 24-bit addressing mode (16 MB).
The rich peripheral set of eZ80F91 Mini Enet Module makes it suitable for a variety of
applications, including industrial control, IrDA connectivity, communication, security,
automation, point-of-sale terminals, and embedded networking applications.
Module Features
Features of eZ80F91 Mini Enet Module include:
Factory-default 5 MHz crystal oscillator input, 50 MHz maximum operating speed via
PLL
10/100 Base-T Ethernet PHY with RJ45 connector
128 KB fast external SRAM
256 KB on-chip Flash memory
8 KB on-chip SRAM
Real-time clock support
I/O connector provides 32 general-purpose 5 V-tolerant I/O pinouts
Onboard connector provides I/O bus for external peripheral connections (IRQ, CS, 24 ad-
dress, 8 data)
Connection to eZ80Acclaim! development platform via two 56-pin mini-headers
Small footprint 50 mm x 47.5 mm
3.3 V power supply
Standard operating temperature range: 0 ºC to +70 ºC


Similar Part No. - 17-0018-20

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
17-002-152FBP ARIES-17-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
17-002-171PTLHT ARIES-17-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
17-002-172PTLHT ARIES-17-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
17-002-173PTLHT ARIES-17-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
17-002.125-152FBP ARIES-17-002.125-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
More results

Similar Description - 17-0018-20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com