Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35-0022-01 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # 35-0022-01
Description  Factory-default operating clock frequency at 50 MHz
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

35-0022-01 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button 35-0022-01 Datasheet HTML 2Page - Zilog, Inc. 35-0022-01 Datasheet HTML 3Page - Zilog, Inc. 35-0022-01 Datasheet HTML 4Page - Zilog, Inc. 35-0022-01 Datasheet HTML 5Page - Zilog, Inc. 35-0022-01 Datasheet HTML 6Page - Zilog, Inc. 35-0022-01 Datasheet HTML 7Page - Zilog, Inc. 35-0022-01 Datasheet HTML 8Page - Zilog, Inc. 35-0022-01 Datasheet HTML 9Page - Zilog, Inc. 35-0022-01 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
PS026102-1207
Zdots® SBC for eZ80AcclaimPlus!Connectivity ASSP
Zdots® SBC for eZ80AcclaimPlus!Connectivity ASSP
Product Specification
2
eZ80AcclaimPlus!TM Connectivity ASSP Features
Features of eZ80AcclaimPlus! Connectivity ASSP include:
Single-cycle instruction fetch, high-performance, pipelined eZ80® CPU core
256 KB of Flash memory and 8 KB of SRAM
10/100 Mbps Ethernet MAC with 8 KB frame buffer
Low power features including SLEEP mode, HALT mode, and selective peripheral
power-down control
Two UARTs with independent baud rate generators and support for 9-bit operation
SPI with independent clock generator
I2C with independent clock generator
Infrared data association (IrDA)-compliant infrared encoder/decoder
New DMA-like eZ80 instructions for efficient block data transfer
External interface with four chip selects, individual wait state generators, and an external
WAIT input pin—supports Intel- and Motorola-style buses
Flexible-priority vectored interrupts (both internal and external) and interrupt controller
Real-time clock with on-chip 32 kHz oscillator, selectable 50/60 Hz input, and separate
VDD pin for battery backup
Four 16-bit Counter/Timers with prescalers and direct input/output drive
Watchdog Timer (WDT)
32 bits of general-purpose input/output (GPIO)
JTAG and ZDI debug interfaces
144-pin LQFP package
Supply voltage of 3.0 V to 3.6 V with 5 V tolerant inputs
Standard operating temperature range: 0 ºC to +70 ºC


Similar Part No. - 35-0022-01

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
35-0022-02 ZILOG-35-0022-02 Datasheet
581Kb / 22P
   Real-time clock support
More results

Similar Description - 35-0022-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113 Datasheet
2Mb / 131P
   32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com