Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61045DRBT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61045DRBT
Description  Digitally Adjustable Boost Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61045DRBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61045DRBT Datasheet HTML 7Page - Texas Instruments TPS61045DRBT Datasheet HTML 8Page - Texas Instruments TPS61045DRBT Datasheet HTML 9Page - Texas Instruments TPS61045DRBT Datasheet HTML 10Page - Texas Instruments TPS61045DRBT Datasheet HTML 11Page - Texas Instruments TPS61045DRBT Datasheet HTML 12Page - Texas Instruments TPS61045DRBT Datasheet HTML 13Page - Texas Instruments TPS61045DRBT Datasheet HTML 14Page - Texas Instruments TPS61045DRBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
L1
4.7
H
m
LQH32CN4R7M11
L
SW
DO
FB
GND
CTRL
PGND
TPS61045
V
=1.8Vto6V
CC
C2
4.7 F
m
D1
ZetexZHZS400
VIN
R1
2.2M
Cff
22pF
VO
15Vto18V
Adjustable/10mA
R2
180kW
C1
100nF
C3
1 F
m
Enable
R3
390k
DACor AnalogVoltage
0V=25V
1.233V=18V
TPS61045
www.ti.com
SLVS440C – JANUARY 2003 – REVISED DECEMBER 2014
8
Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS61045 device is a high-frequency boost converter with digitally-programmable output voltage and true
shutdown. The TPS61045 device operates with an input voltage range of 1.8 to 6 V and generates output
voltages up to 28 V. The device operates in a constant peak current control, which maintains high efficiency over
the entire load current range, and with a typical switching frequency of up to 1 MHz.
8.2 Typical Application
The following section provides a step-by-step design approach for configuring the TPS61045 as a voltage
regulating boost converter, as shown in Figure 12.
8.2.1 Analog Adjusted Output Voltage
Figure 12. Typical Application With Analog Adjusted Output Voltage
8.2.1.1 Design Requirements
Table 3. Design Parameters
PARAMETERS
VALUES
Output voltage
18 V
Input voltage
1.8 to 6 V
Output current
10 mA
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Inductor Selection, Maximum Load Current
Because the PFM peak current control scheme is inherently stable, the inductor and capacitor value does not
affect the stability of the regulator. The selection of the inductor together with the nominal load current, input, and
output voltage of the application determines the switching frequency of the converter. Depending on the
application, TI recommends inductor values between 2.2 to 47
μH. The maximum inductor value is determined
by the maximum switch on-time of 6
μs (typical). The peak current limit of 375 mA (typical) must be reached
within 6
μs for proper operation.
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS61045


Similar Part No. - TPS61045DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045DRBT TI-TPS61045DRBT Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS61045DRBT TI1-TPS61045DRBT Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
TPS61045DRBTG4 TI1-TPS61045DRBTG4 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
More results

Similar Description - TPS61045DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264_14 Datasheet
1Mb / 83P
   One Programmable/Adjustable Boost Converter
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
   Digitally adjustable gain
logo
Maxim Integrated Produc...
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
   Digitally Adjustable Voltage References
Jul 01, 2001
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Maxim Integrated Produc...
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com