Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61180 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61180
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61180 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61180_17 Datasheet HTML 1Page - Texas Instruments TPS61180_17 Datasheet HTML 2Page - Texas Instruments TPS61180_17 Datasheet HTML 3Page - Texas Instruments TPS61180_17 Datasheet HTML 4Page - Texas Instruments TPS61180_17 Datasheet HTML 5Page - Texas Instruments TPS61180_17 Datasheet HTML 6Page - Texas Instruments TPS61180_17 Datasheet HTML 7Page - Texas Instruments TPS61180_17 Datasheet HTML 8Page - Texas Instruments TPS61180_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
C2
4.7 F
m
IFB1
IFB2
IFB3
IFB4
IFB5
IFB6
VO
SW
PGND
GND
10 WLEDinseries,120 mA total
Current
Regulator
Dimming
Control
L1
10 H
m
Q1
D2
Cin
C4
0.1 F
m
Optional
CurrentMode
PWMControl
IFB 1... IFB 6
Fault
Protection
5 Vto 24 V
C1
4.7 F
m
R3
51 W
C3
1 F
m
InternalRegulator
(TPS61181/2only)
EN
PWMDimming
Fault
ISET
VBAT
EN
DCTRL
D1
R1
R3
100kW
TPS61180/1/2
SLVS801E – DECEMBER 2007 – REVISED APRIL 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Voltages on pin VBAT and Fault
(2)
–0.3 to 24
V
Voltage on pin Cin(2)
–0.3 to 3.6
V
Voltage on pin SW and VO
(2)
–0.3 to 40
V
Voltage on pin IFB1 to IFB6(2)
–0.3 to 20
V
Voltage on all other pins (2)
–0.3 to 7
V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
–40 to 150
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS
PACKAGE
RθJA
TA ≤ 25°C
TA = 70°C
TA = 85°C
POWER RATING
POWER RATING
POWER RATING
TPS61180/1/2RTE(1)
270°C/W
370 mW
204 mW
148 mW
TPS61180/1/2RTE(2)
48.7°C/W
2.05 W
1.13 W
821 mW
(1)
The JEDEC low-K (1s) board used to derive this data was a 3in×3in, two-layer board with 2-ounce copper traces on top of the board.
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3in×3in, multilayer board with 1-ounce internal power and ground.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TPS61180/1/2


Similar Part No. - TPS61180_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180RTE TI-TPS61180RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTER TI-TPS61180RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTERG4 TI-TPS61180RTERG4 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTET TI-TPS61180RTET Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTETG4 TI-TPS61180RTETG4 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61180_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com