Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21-0907-01 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # 21-0907-01
Description  Real-time clock support
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

21-0907-01 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button 21-0907-01 Datasheet HTML 6Page - Zilog, Inc. 21-0907-01 Datasheet HTML 7Page - Zilog, Inc. 21-0907-01 Datasheet HTML 8Page - Zilog, Inc. 21-0907-01 Datasheet HTML 9Page - Zilog, Inc. 21-0907-01 Datasheet HTML 10Page - Zilog, Inc. 21-0907-01 Datasheet HTML 11Page - Zilog, Inc. 21-0907-01 Datasheet HTML 12Page - Zilog, Inc. 21-0907-01 Datasheet HTML 13Page - Zilog, Inc. 21-0907-01 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PS023603-0907
P R E L I M I N A R Y
Pin Description
eZ80F91 Mini Enet Module
Product Specification
6
27
A23
Bidirectional
n/a
Yes
28
CS0
Output
Low
Yes
29
CS3
Output
Low
Yes
33
F91_WE
Input
Low
No
Jumper on board
34
CS0
Output
Low
Yes
35
D3
Bidirectional
n/a
Yes
36
RTC_VDD
Input
n/a
Yes
39
D7
Bidirectional
n/a
Yes
40
HALT_SLP Output
Low
Yes
41
A13
Bidirectional
n/a
Yes
42
WR
Ouput
Low
Yes
43
A12
Bidirectional
n/a
Yes
44
A11
Bidirectional
n/a
Yes
45
A14
Bidirectional
n/a
Yes
46
A9
Bidirectional
n/a
Yes
49
A16
Bidirectional
n/a
Yes
50
A5
Bidirectional
n/a
Yes
51
A15
Bidirectional
n/a
Yes
52
A4
Bidirectional
n/a
Yes
Table 1. eZ80Acclaim! Development Platform Peripheral Bus Connector J1 Identification1,2
(Continued)
Pin No Symbol
Signal Direction Active Level eZ80F91 Signal Comments
Notes
1. For the sake of simplicity in describing the interface, Power and Ground nets are omitted from this
table. The entire interface is represented in the eZ80F91 Mini Enet Module schematics on pages
16 through 17.
2. Additional note: external capacitive loads on RD, WR, IORQ, MREQ, D0–D7 and A0–A23 should
be below 10 pF to satisfy the timing requirements for the eZ80 CPU. All unused inputs should be
pulled to either VDD or GND, depending on their inactive levels to reduce power consumption and
to reduce noise sensitivity. To prevent EMI, the EZ80CLK output can be deactivated via software
in the eZ80F91’s Peripheral Power-Down Register.


Similar Part No. - 21-0907-01

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
21-0907-01 ZILOG-21-0907-01 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
More results

Similar Description - 21-0907-01

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com