Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62050DGSG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62050DGSG4
Description  800-mA Synchronous Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62050DGSG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62050DGSG4 Datasheet HTML 1Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 2Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 3Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 4Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 5Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 6Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 7Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 8Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IO – Output Current – mA
50
30
10
0.01
0.1
1
10
60
70
100
100
1 k
80
20
0
40
90
VI = 7.2 V,
VO = 5 V,
SYNC = L
FB
PG
VIN
8
LBO
GND
SYNC
EN
LBI
PGND
TPS62052
SW
1
6
7
3
2
9
5
4
10
Ci = 10 µF
Co = 22 µF
VO = 1.5 V / 800 mA
L1 = 10 µH
VI = 3.3 V to 10 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
TPS6205x 800-mA Synchronous Step-Down Converter
1 Features
3 Description
The TPS6205x devices are a family of high-efficiency
1
High-Efficiency Synchronous Step-Down
synchronous step-down DC-DC converters that are
Converter With up to 95% Efficiency
ideally suited for systems powered from a 1- or 2-cell
12-µA Quiescent Current (Typical)
Li-Ion battery or from a 3- to 5-cell NiCd, NiMH, or
2.7-V to 10-V Operating Input Voltage Range
alkaline battery.
Adjustable Output Voltage Range: 0.7 V to 6 V
The TPS6205x devices are synchronous pulse width
Fixed Output Voltage Options Available With
modulation (PWM) converters with integrated N- and
P-channel power MOSFET switches. Synchronous
1.5 V, 1.8 V, and 3.3 V
rectification increases efficiency and reduces external
Synchronizable to External Clock: Up to 1.2 MHz
component count. To achieve highest efficiency over
High-Efficiency Over a Wide Load Current Range
a wide load current range, the converter enters a
in Power-Save Mode
power-saving pulse frequency modulation (PFM)
mode at light load currents. Operating frequency is
100% Maximum Duty Cycle for Lowest Dropout
typically 850 kHz, allowing the use of small inductor
Low-Noise Operation in Forced Fixed-
and
capacitor
values.
The
device
can
be
Frequency PWM Operation Mode
synchronized to an external clock signal in the range
Internal Softstart
of 600 kHz to 1.2 MHz. For low noise operation, the
converter can be programmed into forced-fixed
Overtemperature and Overcurrent Protected
frequency in PWM mode. In shutdown mode, the
Available in 10-Pin Micro-Small Outline
current consumption is reduced to less than 2 µA.
Package MSOP
The TPS6205x devices are available in the 10-pin
(DGS) micro-small outline package (MSOP) and
2 Applications
operates over a free air temperature range of –40°C
to 85°C.
Cellular Phones
Organizers, PDAs, and Handheld PCs
Device Information(1)
Low-Power DSP Supplies
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Digital Cameras and Hard Disks
TPS62050
TPS62051
TPS62052
VSSOP (10)
3.00 mm × 3.00 mm
TPS62054
TPS62056
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Typical Application Schematic
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62050DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050DGSG4 TI1-TPS62050DGSG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62050DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com