Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B4500
Description  500 mA Low Dropout Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B4500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B4500 Datasheet HTML 1Page - List of Unclassifed Manufacturers B4500 Datasheet HTML 2Page - List of Unclassifed Manufacturers B4500 Datasheet HTML 3Page - List of Unclassifed Manufacturers B4500 Datasheet HTML 4Page - List of Unclassifed Manufacturers B4500 Datasheet HTML 5Page - List of Unclassifed Manufacturers B4500 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B4500
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
6.5
V
Output Current
IOUT
800
mA
Output Voltage
VOUT
VSS -0.3 to VIN 0.3
V
SOT-223
500
Continual Total
Power Dissipation
SOT-89
Pd
300
mW
Operating Ambient Temperature
TOPR
-30 to 80
°C
Storage Temperature
TSTG
-40 to 125
°C
Electrical Characteristics (Ta = 25
°°°°C, V
IN = VOUT + 0.5V; unless otherwise noted)
Parameter
Conditions
MIN
TYP
MAX
UNIT
IO = 0mA
-1.4%
-
+1.4%
Output Voltage
IO = 0 to 500mA
-2%
-
+2%
V
Line Regulation
∆V
OUT/∆VIN-VOUT
IO =100mA,
(VOUT + 0.1V)<VIN<6V
0.2
0.3
%/V
Load Regulation
VIN =6V, 0mA < IO < 500mA
COUT = 1µF
0.04
%/mV
Maximum Output Current
500
Current Limit
900
mA
Ground Pin Current
IOUT = 100mA
2
6
µA
IO = 100mA
110
160
IO = 300 mA
300
450
Dropout Voltage
IO = 500 mA
450
mV
Thermal Shutdown Temperature
155
°C


Similar Part No. - B4500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B450 KEMET-B450 Datasheet
774Kb / 26P
   SpeedPower, Low ESR
B450 KEMET-B450 Datasheet
464Kb / 16P
   Low Profile, Standard and Low ESR
logo
Laird Tech Smart Techno...
B4503 LSTD-B4503 Datasheet
891Kb / 1P
   Every Yagi is tuned on a network analyzer for best bestpower match and lowest VSWR
B4505 LSTD-B4505 Datasheet
586Kb / 1P
   Every Yagi is tuned on a network analyzer for best power match and lowest VSWR
B4505CN LSTD-B4505CN Datasheet
814Kb / 2P
   Base Loaded Mobile Antenna
More results

Similar Description - B4500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
422Kb / 8P
   180 mA Low Dropout Voltage Regulators
logo
List of Unclassifed Man...
B4600 ETC-B4600 Datasheet
192Kb / 6P
   600 mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com