Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590DRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVT
Description  1-A Step Down Converter in 2-mm x 2-mm WSON Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS62590DRVT Datasheet HTML 1Page - Texas Instruments TPS62590DRVT Datasheet HTML 2Page - Texas Instruments TPS62590DRVT Datasheet HTML 3Page - Texas Instruments TPS62590DRVT Datasheet HTML 4Page - Texas Instruments TPS62590DRVT Datasheet HTML 5Page - Texas Instruments TPS62590DRVT Datasheet HTML 6Page - Texas Instruments TPS62590DRVT Datasheet HTML 7Page - Texas Instruments TPS62590DRVT Datasheet HTML 8Page - Texas Instruments TPS62590DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MODE
FB
GND
SW
EN
VIN
1
2
3
6
5
4
Ex
po
se
d
Th
erm
al
Pa
d
TPS62590
www.ti.com
SLVS897C – JANUARY 2009 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DRV Package
6-Pin WSON
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown mode.
EN
4
I
Pulling this pin to high enables the device. This pin must be terminated.
Exposed
Must be soldered to achieve appropriate power dissipation. Should be connected to GND.
Thermal Pad
Feedback pin for the internal regulation loop. Connect the external resistor divider to this pin. In
FB
3
I
case of fixed output voltage option, connect this pin directly to the output capacitor.
GND
6
P
GND supply pin
MODE pin = High forces the device to operate in fixed-frequency PWM mode. Mode pin = Low
MODE
2
I
enables the power save mode with automatic transition from PFM mode to fixed-frequency PWM
mode.
This is the switch pin and is connected to the internal MOSFET switches. Connect the external
SW
1
O
inductor between this terminal and the output capacitor.
VIN
5
P
VIN power supply pin
(1)
I = Input, O = Output, P = Power
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62590


Similar Part No. - TPS62590DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590DRVT TI1-TPS62590DRVT Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVT TI1-TPS62590DRVT Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter
More results

Similar Description - TPS62590DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080_016 TI1-TLV62080_016 Datasheet
1Mb / 28P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62080 TI-TLV62080_15 Datasheet
950Kb / 26P
[Old version datasheet]   TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com