Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3808G33DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3808G33DBVT
Description  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808G33DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3808G33DBVT Datasheet HTML 6Page - Texas Instruments TPS3808G33DBVT Datasheet HTML 7Page - Texas Instruments TPS3808G33DBVT Datasheet HTML 8Page - Texas Instruments TPS3808G33DBVT Datasheet HTML 9Page - Texas Instruments TPS3808G33DBVT Datasheet HTML 10Page - Texas Instruments TPS3808G33DBVT Datasheet HTML 11Page - Texas Instruments TPS3808G33DBVT Datasheet HTML 12Page - Texas Instruments TPS3808G33DBVT Datasheet HTML 13Page - Texas Instruments TPS3808G33DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TPS3808G01
Adjustable Version
V
DD
V
DD
90 kW
MR
SENSE
RESET
C
T
GND
0.4 V
V
REF
Reset
Logic
Timer
Fixed Voltage Version
Adjustable Voltage Version
V
DD
V
DD
90 kW
MR
SENSE
RESET
C
T
GND
0.4 V
V
REF
Reset
Logic
Timer
R
2
R
1
R + R = 4 M
1
2
W
10
TPS3808
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
Product Folder Links: TPS3808
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS3808 microprocessor supervisory product family is designed to assert a RESET signal when either the
SENSE pin voltage drops below VIT or the manual reset (MR) is driven low. The RESET output remains asserted
for a user-adjustable time after both the manual reset (MR) and SENSE voltages return above their respective
thresholds.
8.2 Functional Block Diagram
8.3 Feature Description
A broad range of voltage threshold and reset delay time adjustments are available for the TPS3808 device,
allowing these devices to be used in a wide array of applications. Reset threshold voltages can be factory-set
from 0.82 V to 3.3 V or from 4.4 V to 5 V, while the TPS3808G01 can be set to any voltage above 0.405 V using
an external resistor divider. Two preset delay times are also user-selectable: connecting the CT pin to VDD results
in a 300-ms reset delay, whereas leaving the CT pin open yields a 20-ms reset delay. In addition, connecting a
capacitor between CT and GND allows the designer to select any reset delay period from 1.25 ms to 10 s.
8.3.1 SENSE Input
The SENSE input provides a pin at which any system voltage can be monitored. If the voltage on this pin drops
below VIT, then RESET is asserted. The comparator has a built-in hysteresis to ensure smooth RESET
assertions and de-assertions. It is good analog design practice to put a 1-nF to 10-nF bypass capacitor on the
SENSE input to reduce sensitivity to transients and layout parasitics.
The TPS3808 device is relatively immune to short negative transients on the SENSE pin. Sensitivity to transients
is dependent on threshold overdrive, as shown in (Figure 5).
The TPS3808G01 can be used to monitor any voltage rail down to 0.405 V using the circuit shown in Figure 9.


Similar Part No. - TPS3808G33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G33DBVT TI-TPS3808G33DBVT Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G33DBVT TI-TPS3808G33DBVT Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G33DBVT TI-TPS3808G33DBVT Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G33DBVT TI-TPS3808G33DBVT Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G33DBVT TI-TPS3808G33DBVT Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com