Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62040DRCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62040DRCR
Description  1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62040DRCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62040DRCR Datasheet HTML 3Page - Texas Instruments TPS62040DRCR Datasheet HTML 4Page - Texas Instruments TPS62040DRCR Datasheet HTML 5Page - Texas Instruments TPS62040DRCR Datasheet HTML 6Page - Texas Instruments TPS62040DRCR Datasheet HTML 7Page - Texas Instruments TPS62040DRCR Datasheet HTML 8Page - Texas Instruments TPS62040DRCR Datasheet HTML 9Page - Texas Instruments TPS62040DRCR Datasheet HTML 10Page - Texas Instruments TPS62040DRCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TPS62040
TPS62042, TPS62043
TPS62044, TPS62046
SLVS463B − JUNE 2003 − REVISED OCTOBER 2005
www.ti.com
7
Figure 3
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.01
0.1
1
10
100
1 k
10 k
VO = 1.5 V
VI = 2.7 V
VI = 3.6 V
VI = 5 V
EFFICIENCY
vs
LOAD CURRENT
IL − Load Current − mA
Figure 4
70
75
80
85
90
95
100
2.5
3
3.5
4
4.5
5
5.5
6
VO = 1.8 V
MODE = Low
IL = 500 mA
IL = 1000 mA
IL = 1 mA
EFFICIENCY
vs
INPUT VOLTAGE
VI − Input Voltage − V
Figure 5
5
7
9
11
13
15
17
19
21
23
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
QUIESCENT CURRENT
vs
INPUT VOLTAGE
VI − Input Voltage − V
MODE = Low
TA = 85°C
TA = 25°C
TA = −40°C
Figure 6
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
2.5
3
3.5
4
4.5
5
5.5
6
QUIESCENT CURRENT
vs
INPUT VOLTAGE
VI − Input Voltage − V
MODE = High
TA = 25°C


Similar Part No. - TPS62040DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040DRCR TI1-TPS62040DRCR Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
ATMEL Corporation
TPS62040DRCR ATMEL-TPS62040DRCR Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
logo
Texas Instruments
TPS62040DRCR TI1-TPS62040DRCR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040DRCRG4 TI1-TPS62040DRCRG4 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040DRCRG4 TI1-TPS62040DRCRG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62040DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62040 TI1-TPS62040_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com