Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70251 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS70251
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70251 Datasheet(HTML) 4 Page - Texas Instruments

  TPS70251 Datasheet HTML 1Page - Texas Instruments TPS70251 Datasheet HTML 2Page - Texas Instruments TPS70251 Datasheet HTML 3Page - Texas Instruments TPS70251 Datasheet HTML 4Page - Texas Instruments TPS70251 Datasheet HTML 5Page - Texas Instruments TPS70251 Datasheet HTML 6Page - Texas Instruments TPS70251 Datasheet HTML 7Page - Texas Instruments TPS70251 Datasheet HTML 8Page - Texas Instruments TPS70251 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
TPS70245, TPS70248
TPS70251, TPS70258
TPS70202
SLVS286E – JUNE 2000 – REVISED DECEMBER 2009
www.ti.com
DISSIPATION RATINGS
DERATING
PACKAGE
AIR FLOW (CFM)
TA ≤ +25°C
TA = +70°C
TA = +85°C
FACTOR
0
3.067W
30.67mW/°C
1.687W
1.227W
PWP(1)
250
4.115W
41.15mW/°C
2.265W
1.646W
(1)
This parameter is measured with the recommended copper heat sink pattern on a 4-layer PCB, 1 oz. copper on a 4-in by 4-in ground
layer. For more information, refer to TI technical brief SLMA002.
RECOMMENDED OPERATING CONDITIONS
Over operating temperature range (unless otherwise noted).
MIN
MAX
UNIT
Input voltage, VI
(1)(regulator 1 and 2)
2.7
6
V
Output current, IO (regulator 1)
0
500
mA
Output current, IO (regulator 2)
0
250
mA
Output voltage range (for adjustable option)
1.22
5.5
V
Operating virtual junction temperature, TJ
–40
+125
°C
(1)
To calculate the minimum input voltage for maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load).
4
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated


Similar Part No. - TPS70251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70251 TI-TPS70251 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70251 TI-TPS70251 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70251 TI-TPS70251 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70251 TI-TPS70251 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70251PWP TI-TPS70251PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Similar Description - TPS70251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com