Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8932312ZEM Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z8932312ZEM
Description  HP Logic Analyzer Interface
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932312ZEM Datasheet(HTML) 2 Page - Zilog, Inc.

  Z8932312ZEM Datasheet HTML 1Page - Zilog, Inc. Z8932312ZEM Datasheet HTML 2Page - Zilog, Inc. Z8932312ZEM Datasheet HTML 3Page - Zilog, Inc. Z8932312ZEM Datasheet HTML 4Page - Zilog, Inc. Z8932312ZEM Datasheet HTML 5Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Z8932312ZEM
DSP Family Emulator Development Tools
ZiLOG
2
DS007100-DSP0299
SPECIFICATIONS
HOST COMPUTER
Minimum Requirements
IBM PC (or 100-percent compatible) 486-based machine
33 MHz
4 MB RAM
VGA Video Adapter
CD-ROM Drive
RS-232 COM Port
Mouse or Pointing Device
Microsoft Windows 3.1 (utilized with DSPICE soft-
ware)
Recommended
The following changes to the Minimum Requirements are
recommended for increased performance:
Pentium-Based Machine
66 MHz (or faster)
8 MB of RAM (or more)
SVGA Video Adapter
Color Monitor
Printer
Microsoft Windows 95
Operating Conditions
Operating Temperature:
20°C, ±10°C
Supply Voltage:
+5 VDC ±5% or 9.0 VDC @ 1.2 A wall adapter
Operating Humidity:
10%–90% RH (noncondensing)
Minimum Emulation Speed:
1 MHz
Maximum Emulation Speed: 20 MHz
Power Requirements
The emulator board has dual-power capability: 9.0 VDC or 5.0 VDC. If optional
OTP programming is enabled and the 5.0 VDC terminal is used, a 6.0 VDC ±5%
@ 500 mA (typical) power source is also required.
Dimensions
Width:
8.00 in. (20.320 cm)
Length:
9.75 in. (24.765 cm)
Height:
0.50 in. (1.270 cm)
Serial Interface
RS-232 @ 9600, 19200 (default), 28800, or 57600 Baud
Emulation Memory
DSP = 64K Words (maximum)
Number of Breakpoints
DSP = 256 (maximum)


Similar Part No. - Z8932312ZEM

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8932311ZEM ZILOG-Z8932311ZEM Datasheet
98Kb / 5P
   Symbolic Disassembly in the Debug Window
More results

Similar Description - Z8932312ZEM

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
16900 HP-16900 Datasheet
1Mb / 35P
   Logic Analyzer
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Keysight Technologies
U4164A KEYSIGHT-U4164A Datasheet
1Mb / 34P
   Logic Analyzer Module
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Pepperl+Fuchs Inc.
VAZ-ANALYZER PF-VAZ-ANALYZER Datasheet
117Kb / 1P
   AS-Interface Analyzer
2018-01-29
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
List of Unclassifed Man...
FLM-160808-R22K ETC-FLM-160808-R22K Datasheet
16Kb / 1P
   HP 4291B RF impedance/material analyzer
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
logo
SparkFun Electronics
TOL-15033 SPARKFUN-TOL-15033 Datasheet
245Kb / 3P
   USB Logic Analyzer - 25MHz/8-Channel
10??4??8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com