Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70202PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70202PWP
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70202PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS70202PWP Datasheet HTML 6Page - Texas Instruments TPS70202PWP Datasheet HTML 7Page - Texas Instruments TPS70202PWP Datasheet HTML 8Page - Texas Instruments TPS70202PWP Datasheet HTML 9Page - Texas Instruments TPS70202PWP Datasheet HTML 10Page - Texas Instruments TPS70202PWP Datasheet HTML 11Page - Texas Instruments TPS70202PWP Datasheet HTML 12Page - Texas Instruments TPS70202PWP Datasheet HTML 13Page - Texas Instruments TPS70202PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
NOTE A: V
trip
V
to
IT
IT
-
-
voltageistypically5%lowerthantheoutputvoltage(95%V ).
O
IT+
V
isthehysteresisvoltage.
t
t
t
PG2
Output
VIT+
(seeNoteA)
VIN2
VOUT2
V
(seeNoteA)
Threshold
Voltage
IT-
TPS70245, TPS70248
TPS70251, TPS70258
TPS70202
SLVS286E – JUNE 2000 – REVISED DECEMBER 2009
www.ti.com
PG2 Timing Diagram (assuming VIN1 already powered up)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN1
5
I
Active low enable for VOUT1
EN2
6
I
Active low enable for VOUT2
GND
8
Ground
MR
4
I
Manual reset input, active low, pulled up internally
NC
1, 11, 20
No connection
PG1
16
O
Open drain output, low when VOUT1 voltage is less than 95% of the nominal regulated voltage
PG2
15
O
Open drain output, low when VOUT2 voltage is less than 95% of the nominal regulated voltage
RESET
7
I
Open drain output, SVS (power-on reset) signal, active low
VIN1
2, 3
I
Input voltage of regulator 1
VIN2
9, 10
I
Input voltage of regulator 2
VOUT1
18, 19
O
Output voltage of regulator 1
VOUT2
12, 13
O
Output voltage of regulator 2
VSENSE2/FB2
14
I
Regulator 2 output voltage sense/regulator 2 feedback for adjustable
VSENSE1/FB1
17
I
Regulator 1 output voltage sense/regulator 1 feedback for adjustable
10
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated


Similar Part No. - TPS70202PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70202PWP TI-TPS70202PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70202PWP TI-TPS70202PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70202PWP TI-TPS70202PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70202PWPG4 TI-TPS70202PWPG4 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70202PWPG4 TI-TPS70202PWPG4 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Similar Description - TPS70202PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com