Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71202DRCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71202DRCT
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71202DRCT Datasheet(HTML) 4 Page - Texas Instruments

  TPS71202DRCT Datasheet HTML 1Page - Texas Instruments TPS71202DRCT Datasheet HTML 2Page - Texas Instruments TPS71202DRCT Datasheet HTML 3Page - Texas Instruments TPS71202DRCT Datasheet HTML 4Page - Texas Instruments TPS71202DRCT Datasheet HTML 5Page - Texas Instruments TPS71202DRCT Datasheet HTML 6Page - Texas Instruments TPS71202DRCT Datasheet HTML 7Page - Texas Instruments TPS71202DRCT Datasheet HTML 8Page - Texas Instruments TPS71202DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Current
Limit
Thermal
Shutdown
V
REF
1.225 V
UVLO
30
µA
EN1
OUT1
IN
Current
Limit
OUT2
NR
EN2
250 k
Quickstart
5 pF
TPS712xx
Fixed/Fixed
30
µA
V
REF
1.225 V
UVLO
EN1
OUT1
IN
OUT2
FB1
FB2
NR
EN2
250 k
Quickstart
5 pF
TPS712xx
Adj/Adj
Current
Limit
Thermal
Shutdown
Current
Limit
90 k
90 k
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
SBVS049D – MAY 2004 – REVISED AUGUST 2010
www.ti.com
FUNCTIONAL BLOCK DIAGRAM —
FUNCTIONAL BLOCK DIAGRAM —
FIXED VERSION
ADJUSTABLE VERSION
Table 1. TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
DRC
IN
1
Unregulated input supply. A small 0.1 mF capacitor should be connected from IN to GND.
GND
5, Pad
Ground
Output of the regulator. A small 2.2 mF ceramic capacitor is required from this pin to ground to assure
OUT1
3
stability.
OUT2
4
Same as OUT1 but for LDO2.
Driving the enable pin (EN) high turns on LDO1. Driving this pin low puts LDO1 into shutdown mode,
EN1
10
reducing operating current. The enable pin should be connected to IN if not used.
EN2
8
Same as EN1 but controls LDO2.
FB1/NC
9
Feedback for CH1 adjustable version; no connection for non-adjustable CH1.
FB2/NC
7
Feedback for CH2 adjustable version; no connection for non-adjustable CH2.
NR
6
Noise reduction pin; connect an external bypass capacitor to reduce LDO output noise.
NC
2
No connection.
4
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS71202 TPS71219 TPS71229 TPS71247 TPS71256 TPS71257


Similar Part No. - TPS71202DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCTG4 TI-TPS71202DRCTG4 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Similar Description - TPS71202DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com