Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4500CR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B4500CR
Description  500 mA Low Dropout Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B4500CR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B4500CR Datasheet HTML 1Page - List of Unclassifed Manufacturers B4500CR Datasheet HTML 2Page - List of Unclassifed Manufacturers B4500CR Datasheet HTML 3Page - List of Unclassifed Manufacturers B4500CR Datasheet HTML 4Page - List of Unclassifed Manufacturers B4500CR Datasheet HTML 5Page - List of Unclassifed Manufacturers B4500CR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B4500
PRODUCT DESCRIPTION
The B4500 is precision fixed output voltage regulator.
Unlike bipolar regulators, the B4500 supply current
does not increase with load current. In addition, Vout
remains stable and within regulator at very low load
currents (an important consideration in RTC and
CMOS RAM battery back-up application).
Figure 1 shows a typical application circuit. The
regulator is enabled any time the shutdown input is at
or above VIH. And shutdown (disabled) when SHDN is
at or below VIL. SHDN maybe controlled by a CMOS
logic gate, or I/O port of a micro controller. If the
SHDN input is not. Required, it should be connected
directly to the supply. While in shutdown, supply
current decreases to 0.05
µA (typical) and V
out falls to
zero volts.
Output Capacitor
A 1
µF (min) capacitor from V
out to ground is required.
Then output capacitor should have an effective series
resistance of 5
Ω or less. A 1µA capacitor should be
connected from Vin to GND if there is more than 10
inches of wire between the regulator and the AC filter
capacitor, or if a battery is used as the power source.
Aluminum electrolytic or tantalum capacitor types can
be used. (since many aluminum electrolytic capacitors
freeze at approximately- 30
°C, solid tantalums are
recommended for applications operating below –25
°C.) When operating from sources other than
batteries, supply-noise rejection and transient response
can be improved by increasing the value of the input
and output capacitors and employing passive filtering
techniques.
Thermal Considerations
Thermal Shutdown
Integrated thermal protection circuitry shuts the
regulator off when die temperature exceeds 160
°C.
The regulator remaining off until the die temperature
drops to approximately 140
°C.
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage, and
output current. The following equation is used to
calculate worst case power dissipation:
PD=(VINMAX-VOUTMIN)ILOADMAX
Where:
PD= worst case actual power dissipation
VINMAX= Maximum voltage on VIN
VOUTMIN=Minimum regulator output voltage
ILOADMAX= maximum output (LOAD) Current
The maximum allowable power dissipation is function
of the maximum ambient temperature (TAMAX). The
maximum allowable die temperature (125
°C) and the
thermal resistance from junction-to-air (
θ
JA).
PDMAX=(TJMAX-TAMAX)/ θJA
Where all terms are previously defined
This can be caused in conjunction with other equation
to ensure regulator thermal operation is within limit.
For example:
Given:
VINMAX=3.3V+10%
VOUTMIN=2.7V-2.5%
ILOADMAX=275 mA
TJMAX=125°C
TAMAX=95°C
θ
JA= 59°C/W
Find:
1. Actual power dissipation
2. Maximum allowable dissipation
BATTREY
C1
1
µF
VIN
GND
VOUT
C2
1
µF
BATTREY
C1
1
µF
VIN
GND
VOUT
C2
1
µF
B4500
BATTREY
C1
1
µF
VIN
GND
VOUT
C2
1
µF
BATTREY
C1
1
µF
VIN
GND
VOUT
C2
1
µF
B4500


Similar Part No. - B4500CR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B450 KEMET-B450 Datasheet
774Kb / 26P
   SpeedPower, Low ESR
B450 KEMET-B450 Datasheet
464Kb / 16P
   Low Profile, Standard and Low ESR
logo
Laird Tech Smart Techno...
B4503 LSTD-B4503 Datasheet
891Kb / 1P
   Every Yagi is tuned on a network analyzer for best bestpower match and lowest VSWR
B4505 LSTD-B4505 Datasheet
586Kb / 1P
   Every Yagi is tuned on a network analyzer for best power match and lowest VSWR
B4505CN LSTD-B4505CN Datasheet
814Kb / 2P
   Base Loaded Mobile Antenna
More results

Similar Description - B4500CR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
422Kb / 8P
   180 mA Low Dropout Voltage Regulators
logo
List of Unclassifed Man...
B4600 ETC-B4600 Datasheet
192Kb / 6P
   600 mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com