Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92210DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92210DR
Description  NATURAL PFC LED LIGHTING DRIVER CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92210DR Datasheet(HTML) 2 Page - Texas Instruments

  TPS92210DR Datasheet HTML 1Page - Texas Instruments TPS92210DR Datasheet HTML 2Page - Texas Instruments TPS92210DR Datasheet HTML 3Page - Texas Instruments TPS92210DR Datasheet HTML 4Page - Texas Instruments TPS92210DR Datasheet HTML 5Page - Texas Instruments TPS92210DR Datasheet HTML 6Page - Texas Instruments TPS92210DR Datasheet HTML 7Page - Texas Instruments TPS92210DR Datasheet HTML 8Page - Texas Instruments TPS92210DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS92210
SLUS989B – JANUARY 2010 – REVISED SEPTEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
OPERATING
ORDERABLE
TEMPERATURE
PACKAGE
PINS
TRANSPORT MEDIA
QUANTITY
DEVICE NUMBER
RANGE, TA
TPS92210DR
Tape and Reel
2500
–40°C to 125°C
SOIC
8
TPS92210D
Tube
75
ABSOLUTE MAXIMUM RATINGS
(1)
All voltages are with respect to GND, –40°C < TJ = TA < 125°C, all currents are positive into and negative out of the specified
terminal (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VDD
–0.5
25
DRN, during conduction
–0.5
2.0
DRN, during non-conduction
20
Input voltage range
VCG(2)
–0.5
16
V
TZE, OTM, PCL(3)
–0.5
7
FB(3)
–0.5
1.0
VDD – VCG
–7
10
Continuous input current
IVCG
(2)
10
mA
Input current range
ITZE, IOTM, IPCL, IFB
(3)
–3
1
DRN
-4
A
Output current
DRN, pulsed 200ns, 2% duty cycle
–6
1.5
Operating junction temperature
TJ
–40
150
°C
Storage temperature range
Tstg
–65
150
°C
Lead temperature
Soldering, 10 s
260
°C
(1)
These are stress ratings only. Stress beyond these limits may cause permanent damage to the device. Functional operation of the
device at these or any conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to
absolute maximum rated conditions for extended periods of time may affect device reliability
(2)
Voltage on VCG is internally clamped. The clamp level varies with operating conditions. In normal use, VCG is current fed with the
voltage internally limited
(3)
In normal use, pins OTM, PCL, TZE, and FB are connected to resistors to GND and internally limited in voltage swing
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS92210


Similar Part No. - TPS92210DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92210DR TI-TPS92210DR Datasheet
530Kb / 25P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210DR TI1-TPS92210DR Datasheet
575Kb / 29P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
More results

Similar Description - TPS92210DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92210 TI-TPS92210 Datasheet
530Kb / 25P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210 TI1-TPS92210_10 Datasheet
575Kb / 29P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
logo
SIFIRST TECHNOLOGIES NA...
SFL900C SIFIRST-SFL900C Datasheet
158Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
SFL900B SIFIRST-SFL900B Datasheet
160Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
logo
Excelliance MOS Corp.
EM8609A EXCELLIANCE-EM8609A Datasheet
161Kb / 6P
   Transition Mode PFC Controller for LED Lighting
logo
Unisonic Technologies
UCL5811 UTC-UCL5811 Datasheet
192Kb / 5P
   PSR & PFC LED DRIVER CONTROLLER
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
   PSR and Single Stage PFC Controller for LED Lighting
logo
Holtek Semiconductor In...
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
   Non-isolation Buck LED Lighting Driver with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com