Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS561201 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS561201
Description  4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS561201 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS561201 Datasheet HTML 6Page - Texas Instruments TPS561201 Datasheet HTML 7Page - Texas Instruments TPS561201 Datasheet HTML 8Page - Texas Instruments TPS561201 Datasheet HTML 9Page - Texas Instruments TPS561201 Datasheet HTML 10Page - Texas Instruments TPS561201 Datasheet HTML 11Page - Texas Instruments TPS561201 Datasheet HTML 12Page - Texas Instruments TPS561201 Datasheet HTML 13Page - Texas Instruments TPS561201 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
IN
OUT
OUT
OUT(LL)
SW
IN
(V
V
) V
1
I
2 L f
V
-
´
=
´
´
´
10
TPS561201, TPS561208
SLVSC95 – APRIL 2017
www.ti.com
Product Folder Links: TPS561201 TPS561208
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Pulse Skip Control (TPS561201)
The TPS561201 and TPS561208 are designed with Advanced Eco-mode to maintain high light load efficiency.
As the output current decreases from heavy load condition, the inductor current is also reduced and eventually
comes to point that its rippled valley touches zero level, which is the boundary between continuous conduction
and discontinuous conduction modes. The rectifying MOSFET is turned off when the zero inductor current is
detected. As the load current further decreases the converter runs into discontinuous conduction mode. The on-
time is kept almost the same as it was in the continuous conduction mode so that it takes longer time to
discharge the output capacitor with smaller load current to the level of the reference voltage. This makes the
switching frequency lower, proportional to the load current, and keeps the light load efficiency high. The transition
point to the light load operation IOUT(LL) current can be calculated in Equation 1.
(1)
7.3.3 Soft Start and Pre-Biased Soft Start
The TPS561201 and TPS561208 have an internal 1.0-ms soft-start. When the EN pin becomes high, the internal
soft-start function begins ramping up the reference voltage to the PWM comparator. If the output capacitor is pre-
biased at startup, the devices initiate switching and start ramping up only after the internal reference voltage
becomes greater than the feedback voltage VFB. This scheme ensures that the converters ramp up smoothly
into regulation point.
7.3.4
Current Protection
The output over-current limit (OCL) is implemented using a cycle-by-cycle valley detect control circuit. The switch
current is monitored during the OFF state by measuring the low-side FET drain to source voltage. This voltage is
proportional to the switch current. To improve accuracy, the voltage sensing is temperature compensated.
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by Vin,
Vout, the on-time and the output inductor value. During the on time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current Iout. If the monitored current is
above the OCL level, the converter maintains low-side FET on and delays the creation of a new set pulse, even
the voltage feedback loop requires one, until the current level becomes OCL level or lower. In subsequent
switching cycles, the on-time is set to a fixed value and the current is monitored in the same manner.
There are some important considerations for this type of over-current protection. The load current is higher than
the overcurrent threshold by one half of the peak-to-peak inductor ripple current. Also, when the current is being
limited, the output voltage tends to fall as the demanded load current may be higher than the current available
from the converter. This may cause the output voltage to fall. When the VFB voltage falls below the UVP
threshold voltage, the UVP comparator detects it. And then, the device will shut down after the UVP delay time
(typically 24 µs) and restart after the hiccup time (typically 15 ms).
When the over current condition is removed, the output voltage returns to the regulated value.
7.3.5 Undervoltage Lockout (UVLO) Protection
UVLO protection monitors the internal regulator voltage. When the voltage is lower than UVLO threshold voltage,
the device is shut off. This protection is non-latching.
7.3.6 Thermal Shutdown
The device monitors the temperature of itself. If the temperature exceeds the threshold value (typically 160°C),
the device is shut off. This is a non-latch protection.


Similar Part No. - TPS561201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
More results

Similar Description - TPS561201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com