Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71219DRCTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS71219DRCTG4
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71219DRCTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS71219DRCTG4 Datasheet HTML 2Page - Texas Instruments TPS71219DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS71219DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS71219DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS71219DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS71219DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS71219DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS71219DRCTG4 Datasheet HTML 9Page - Texas Instruments TPS71219DRCTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
400
375
350
325
300
275
250
225
200
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
IN (V)
+25
_C
−40_C
+125
_C
400
375
350
325
300
275
250
225
200
0
50
100
150
200
250
I
OUT (mA)
+25
_C
−40_C
+125
_C
500
450
400
350
300
250
200
150
100
50
0
Junction Temperature (
_C)
V
EN1 = VEN2 = 0.4V
V
IN = 3.8 V
−40 −25 −10 5
20
35
50
65
80
95
110 125
400
375
350
325
300
275
250
225
200
Junction Temperature (
_C)
−40 −25 −10 5
20
35
50
65
80
95
110 125
V
EN1 = VEN2 = 1.2V
V
IN = 3.8 V
V
OUT1
V
OUT2
V
IN
3.8 V
3.2 V
10 mV/div
10 mV/div
100
µs/div
I
OUT = 250 mA
I
OUT = 1 mA
C
OUT1 = COUT2 = 10µF
800
750
700
650
600
550
500
450
400
Junction Temperature (
_C)
−40 −25 −10 5
20
35
50
65
80
95
110 125
V
IN = 3.8 V
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
SBVS049D – MAY 2004 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,VEN = 1.2 V, COUT = 2.2 mF, and CNR = 0.01 mF,
unless otherwise noted.
GROUND PIN CURRENT vs INPUT VOLTAGE
GROUND PIN CURRENT vs IOUT
Figure 7.
Figure 8.
GROUND PIN CURRENT vs JUNCTION TEMPERATURE
GROUND PIN CURRENT vs JUNCTION TEMPERATURE
(DISABLED)
Figure 9.
Figure 10.
TPS71256
CURRENT LIMIT vs JUNCTION TEMPERATURE
LINE TRANSIENT RESPONSE
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS71202 TPS71219 TPS71229 TPS71247 TPS71256 TPS71257


Similar Part No. - TPS71219DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71219DRCTG4 TI-TPS71219DRCTG4 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Similar Description - TPS71219DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com