Electronic Components Datasheet Search |
|
ZLP32300H4832G Datasheet(PDF) 6 Page - Zilog, Inc. |
|
ZLP32300H4832G Datasheet(HTML) 6 Page - Zilog, Inc. |
6 / 99 page Crimzon® ZLP32300 Product Specification PS020823-0208 Architectural Overview 2 Development Features Table 2 lists the features of Crimzon ZLP32300 family. The additional features include: • Low power consumption–11 mW (typical) • Three standby modes: – STOP—1.7 µA (typical) – HALT—0.6 mA (typical) – Low-voltage reset • Special architecture to automate both generation and reception of complex pulses or signals: – One programmable 8-bit counter/timer with two capture registers and two load registers – One programmable 16-bit counter/timer with one 16-bit capture register pair and one 16-bit load register pair – Programmable input glitch filter for pulse reception • Six priority interrupts – Three external – Two assigned to counter/timers – One Low-Voltage Detection interrupt • Low-Voltage Detection and high voltage detection Flags • Programmable Watchdog Timer/Power-On Reset (WDT/POR) circuits • Two independent comparators with programmable interrupt polarity • Programmable EPROM options – Port 0: 0–3 pull-up transistors – Port 0: 4–7 pull-up transistors – Port 1: 0–3 pull-up transistors – Port 1: 4–7 pull-up transistors Table 2. Crimzon ZLP32300 MCU Features Device OTP(KB) RAM* (Bytes) I/O Lines Voltage Range Crimzon ZLP32300 8, 16, 32 237 32, 24 or 16 2.0–3.6 V *General purpose |
Similar Part No. - ZLP32300H4832G |
|
Similar Description - ZLP32300H4832G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |