Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A22362DGSRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A22362DGSRG4
Description  0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22362DGSRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS5A22362DGSRG4 Datasheet HTML 6Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 7Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 8Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 9Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 10Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 11Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 12Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 13Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
5
10
15
20
25
30
35
40
45
50
–40
25
85
Temperature(°C)
t
OFF
t
ON
0
20
40
60
80
100
120
140
160
180
200
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Supply Voltage (V)
t
OFF
t
ON
0.0E+00
5.0E-09
1.0E-08
1.5E-08
2.0E-08
2.5E-08
3.0E-08
3.5E-08
0.0
0.5
1.0
1.5
2.5
3.0
3.5
4.0
4.5
5.5
VCC (V)
0.0001
0.0011
0.0021
0.0031
0.0041
0.0051
0.0061
0.0071
0.0081
0.0091
10
100
1000
10000
100000
Frequency (Hz)
Voltage (V)
–200
–100
0
100
200
300
400
500
0
1.8
2.5
3.3
5
V
= 2.5 V
CC
V
= 3.3 V
CC
V
= 5 V
CC
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
1000
Frequency (MHz)
TS5A22362
SCDS364B – JUNE 2015 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 8. Crosstalk (VCC = 3.3 V)
Figure 7. Charge Injection (QC) vs VCOM
Figure 9. Total Harmonic Distortion vs Frequency
Figure 10. Power-Supply Current vs VCC
Figure 11. tON And tOFF vs Supply Voltage
Figure 12. tON And tOFF vs Temperature (2.5-V Supply)
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TS5A22362


Similar Part No. - TS5A22362DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362DGSRG4 TI-TS5A22362DGSRG4 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DGSRG4 TI-TS5A22362DGSRG4 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DGSRG4 TI1-TS5A22362DGSRG4 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DGSRG4 TI1-TS5A22362DGSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362DGSRG4 TI1-TS5A22362DGSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

Similar Description - TS5A22362DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com