Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEL-13120 Datasheet(PDF) 4 Page - SparkFun Electronics

Part # CEL-13120
Description  Cellular Shield Hookup Guide
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

CEL-13120 Datasheet(HTML) 4 Page - SparkFun Electronics

  CEL-13120 Datasheet HTML 1Page - SparkFun Electronics CEL-13120 Datasheet HTML 2Page - SparkFun Electronics CEL-13120 Datasheet HTML 3Page - SparkFun Electronics CEL-13120 Datasheet HTML 4Page - SparkFun Electronics CEL-13120 Datasheet HTML 5Page - SparkFun Electronics CEL-13120 Datasheet HTML 6Page - SparkFun Electronics CEL-13120 Datasheet HTML 7Page - SparkFun Electronics CEL-13120 Datasheet HTML 8Page - SparkFun Electronics CEL-13120 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
3Cell UART
RX
Cell module's data receive (4800 baud).
7
Cell boot
pin
This pin has the same control over the module
as the BOOT button (explained below).
8
GPS UART
TX
GPS module's data output (115200 baud).
9
GPS UART
RX
GPS module's data receive.
Cell and GPS UARTs
Communication with the cellular and GPS module’s occurs on two separate
serial UARTs. To leave the Arduino’s hardware UART free for debugging
and uploading sketches, both UARTs are broken out to digital pins –
intended for use with the SoftwareSerial library.
Because the SoftwareSerial library can’t reliably support high-ish baud
rates, we’ve intentionally slowed down the MG2639’s cellular UART to 4800
bps, rather than the module’s default bit rate of 115200. This slower rate
ensure data reliability, and gives the Arduino some extra time to process
large strings.
The GPS UART is hard-coded to 115200 baud, which make it harder to
use with SoftwareSerial. Instead, we recommend using the AltSoftSerial
library with this part of the module.
Either of the two UARTS (the cell or GPS) can be switched over to the
Arduino’s hardware UART. Check out the “Jumpers” section below for more
information.
LED Status Indicators
There are a trio of LEDs on the MG2639 Cellular Shield which indicate
connectivity or power status:
• POWER – This red LED is connected to the MG2639 module’s
power supply line. If this LED is on, the module is receiving power.
• RSSI – This green LED indicates the status of your cellular network.
It’ll blink at various rates to show what state it’s in:
◦ OFF – The module is powering on (assuming it has power).
◦ 1 Hz blink – Module is idle.
◦ 3 Hz blink – Searching for a network.
◦ 5 Hz blink – Module is in a traffic state (a phone call or data
transmission).
• GPS – GPS fix indicator. This yellow LED will illuminate when the
MG2639’s GPS module gets a solid fix.
Boot & Reset Buttons
Two buttons labeled “BOOT” and “RESET” are built into the shield. The
“RESET” button is simply the Arduino reset, it’ll have no direct effect on the
MG2639.
Page 4 of 22


Similar Part No. - CEL-13120

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
CEL-14333 SPARKFUN-CEL-14333 Datasheet
213Kb / 2P
   1Sheeld
7??0??7
CEL-15087 SPARKFUN-CEL-15087 Datasheet
303Kb / 5P
   SparkFun LTE CAT M1/NB-IoT Shield - SARA-R4 (with Hologram SIM Card)
12????8
More results

Similar Description - CEL-13120

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
WRL-13287 SPARKFUN-WRL-13287 Datasheet
822Kb / 15P
   WiFi Shield Hookup Guide
DEV-13262 SPARKFUN-DEV-13262 Datasheet
505Kb / 8P
   CAN-Bus Shield Hookup Guide
DEV-13628 SPARKFUN-DEV-13628 Datasheet
370Kb / 12P
   Photon OLED Shield Hookup Guide
DEV-13626 SPARKFUN-DEV-13626 Datasheet
869Kb / 13P
   Photon Battery Shield Hookup Guide
DEV-13674 SPARKFUN-DEV-13674 Datasheet
922Kb / 15P
   Photon Weather Shield Hookup Guide V11
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
   Arduino Weather Shield Hookup Guide V12
3/6/2017
KIT-14130 SPARKFUN-KIT-14130 Datasheet
320Kb / 7P
   Roshamglo Hookup Guide
3/22/2017
LCD-14048 SPARKFUN-LCD-14048 Datasheet
818Kb / 33P
   TeensyView Hookup Guide
DEV-12935 SPARKFUN-DEV-12935 Datasheet
175Kb / 5P
   FTDI SmartBasic Hookup Guide
KIT-13091 SPARKFUN-KIT-13091 Datasheet
583Kb / 14P
   Pi Wedge B Hookup Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com