Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLP32300H4808G Datasheet(PDF) 9 Page - Zilog, Inc.

Part # ZLP32300H4808G
Description  Low power consumption??1 mW
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300H4808G Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button ZLP32300H4808G Datasheet HTML 5Page - Zilog, Inc. ZLP32300H4808G Datasheet HTML 6Page - Zilog, Inc. ZLP32300H4808G Datasheet HTML 7Page - Zilog, Inc. ZLP32300H4808G Datasheet HTML 8Page - Zilog, Inc. ZLP32300H4808G Datasheet HTML 9Page - Zilog, Inc. ZLP32300H4808G Datasheet HTML 10Page - Zilog, Inc. ZLP32300H4808G Datasheet HTML 11Page - Zilog, Inc. ZLP32300H4808G Datasheet HTML 12Page - Zilog, Inc. ZLP32300H4808G Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Pin Description
5
Pin Description
The pin configuration for the 20-pin PDIP/SOIC/SSOP is displayed in Figure 3 and
described in Table 3. The pin configuration for the 28-pin PDIP/SOIC/SSOP are depicted
in Figure 4 and described in Table 4. The pin configurations for the 40-pin PDIP and 48-
pin SSOP versions are displayed in Figure 5, Figure 6, and described in Table 5.
Figure 3. 20-Pin PDIP/SOIC/SSOP Pin Configuration
Table 3. 20-Pin PDIP/SOIC/SSOP Pin Identification
Pin No
Symbol
Function
Direction
1–3
P25–P27
Port 2, Bits 5,6,7
Input/Output
4
P07
Port 0, Bit 7
Input/Output
5VDD
Power Supply
6
XTAL2
Crystal Oscillator Clock
Output
7
XTAL1
Crystal Oscillator Clock
Input
8–10
P31–P33
Port 3, Bits 1,2,3
Input
11,12
P34, P36
Port 3, Bits 4,6
Output
13
P00/Pref1/P30 Port 0, Bit 0/Analog reference input
Port 3 Bit 0
Input/Output for P00
Input for Pref1/P30
14
P01
Port 0, Bit 1
Input/Output
15
VSS
Ground
16–20
P20–P24
Port 2, Bits 0,1,2,3,4
Input/Output
P25
P26
P27
P07
VDD
XTAL2
XTAL1
P31
P32
P33
P24
P23
P22
P21
P20
VSS
P01
P00/Pref1/P30
P36
P34
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
20-Pin
PDIP
SOIC
SSOP


Similar Part No. - ZLP32300H4808G

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
More results

Similar Description - ZLP32300H4808G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2794B ATMEL-U2794B_97 Datasheet
302Kb / 15P
   Very Low Power Consumption 125 mW
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com