Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-6021 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # D-6021
Description  Multiplex DataBus Box Couplers and Terminators Connectorized with D-6025 Connector Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D-6021 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button D-6021 Datasheet HTML 3Page - TE Connectivity Ltd D-6021 Datasheet HTML 4Page - TE Connectivity Ltd D-6021 Datasheet HTML 5Page - TE Connectivity Ltd D-6021 Datasheet HTML 6Page - TE Connectivity Ltd D-6021 Datasheet HTML 7Page - TE Connectivity Ltd D-6021 Datasheet HTML 8Page - TE Connectivity Ltd D-6021 Datasheet HTML 9Page - TE Connectivity Ltd D-6021 Datasheet HTML 10Page - TE Connectivity Ltd D-6021 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MIL-STD-1553B Multiplex DataBus Box Couplers and
Terminators Connectorized with D-6025 Connector
Interface
D-6021
Revision A1
25-Mar-15
© 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved. TE Proprietary & Confidential Information.
If this document is printed, it becomes uncontrolled. Check for latest revision.
Page 7 of 14
3.8
Workmanship
Box couplers and terminators shall be processed in such a manner as to be consistent in
quality; they shall be free from defects that would adversely affect life, performance or
appearance.
4.0
Quality Assurance Provisions
4.1
Responsibility for Inspection. The supplier is responsible for the performance of all
inspection tests specified herein. The supplier may utilize his own or any other suitable
testing facility. Inspection records of the tests shall be kept complete and available to the
buyer as specified in the contract or order.
4.1.1
Test Equipment and Inspection Facilities. Test and measuring equipment and
inspection facilities of sufficient accuracy, quality, and quantity to permit
performance of the required inspection shall be established and maintained by the
supplier. A calibration system to control the accuracy of the measuring and test
equipment shall be maintained in accordance with MIL-STD- 45662.
4.2
Classification of Inspections. The examination and testing of items covered by this
specification shall be classified as follows:
a.
Qualification inspection (See para. 4.3)
b.
Acceptance inspection (See para. 4.4)
4.3
Qualification Inspection. Qualification inspection shall consist of all of the tests in Table I
performed in the order of listing.
4.3.1
Qualification Test Samples. Test samples submitted for qualification shall be
produced using equipment and procedures normally used in production. Test
samples shall be interconnected with MIL-STD-1553B data bus cable into data bus
networks in order that correct function of the components can be verified during
environmental exposure. Mating connectors shall be torqued to the specified value
and of the same environment resistance and finish as those on the components
under test.


Similar Part No. - D-6021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-602-0093 MACOM-D-602-0093 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-0094 MACOM-D-602-0094 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-00940095 MACOM-D-602-00940095 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-01040105 MACOM-D-602-01040105 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-0106 MACOM-D-602-0106 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
More results

Similar Description - D-6021

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
logo
ON Semiconductor
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
Hirose Electric
HSC-TM-P1 HIROSE-HSC-TM-P1 Datasheet
154Kb / 4P
   Optical Terminators
logo
NXP Semiconductors
68HC05X1 NXP-68HC05X1 Datasheet
6Mb / 104P
   SAEJ1850 PWM Serial Multiplex Interface (SMI)
REV 2.1
logo
Maxim Integrated Produc...
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
logo
Micronetics, Inc.
8165 MICRONETICS-8165 Datasheet
56Kb / 2P
   CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Winchester Electronics ...
300038 WINCHESTER-300038 Datasheet
52Kb / 2P
   Modular Adapters and Couplers
logo
SMSC Corporation
COM20051++ SMSC-COM20051+ Datasheet
348Kb / 92P
   Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com