Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA78M05-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # UA78M05-Q1
Description  POSITIVE-VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA78M05-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  UA78M05-Q1 Datasheet HTML 1Page - Texas Instruments UA78M05-Q1 Datasheet HTML 2Page - Texas Instruments UA78M05-Q1 Datasheet HTML 3Page - Texas Instruments UA78M05-Q1 Datasheet HTML 4Page - Texas Instruments UA78M05-Q1 Datasheet HTML 5Page - Texas Instruments UA78M05-Q1 Datasheet HTML 6Page - Texas Instruments UA78M05-Q1 Datasheet HTML 7Page - Texas Instruments UA78M05-Q1 Datasheet HTML 8Page - Texas Instruments UA78M05-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
uA78Mxx-Q1 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS537B − JUNE 2004 − REVISED SEPTEMBER 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D 3-Terminal Regulators
D Output Current Up To 500 mA
D No External Components
D Internal Thermal-Overload Protection
D High Power-Dissipation Capability
D Internal Short-Circuit Current Limiting
D Output Transistor Safe-Area Compensation
KTP PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
DCY (SOT-223) PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
description/ordering information
This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications.
These applications include on-card regulation for elimination of noise and distribution problems associated with
single-point regulation. Each of these regulators can deliver up to 500 mA of output current. The internal
current-limiting and thermal-shutdown features of these regulators essentially make them immune to overload.
In addition to use as fixed-voltage regulators, these devices can be used with external components to obtain
adjustable output voltages and currents and also as the power-pass element in precision regulators.
ORDERING INFORMATION{
TJ
VO(NOM)
(V)
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
33
PowerFLEX
 (KTP)
Reel of 3000
UA78M33QKTPRQ1
78M33CQ
3.3
SOT-223 (DCY)
Reel of 2500
UA78M33QDCYRQ1
C3Q
5
PowerFLEX
 (KTP)
Reel of 3000
UA78M05QKTPRQ1
78M05CQ
−40
°C to 125°C
5
SOT-223 (DCY)
Reel of 2500
UA78M05QDCYRQ1
C5Q
40 C to 125 C
8
PowerFLEX
 (KTP)
Reel of 3000
UA78M08QKTPRQ1
78M08CQ
8
SOT-223 (DCY)
Reel of 2500
UA78M08QDCYRQ1
C8Q
10
PowerFLEX
 (KTP)
Reel of 3000
UA78M10QKTPRQ1
78M10CQ
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see
the TI web site at www.ti.com.
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerFLEX is a trademark of Texas Instruments.


Similar Part No. - UA78M05-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M05-Q1 TI1-UA78M05-Q1 Datasheet
234Kb / 11P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05-Q1 TI1-UA78M05-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
UA78M05-Q1 TI-UA78M05-Q1_15 Datasheet
741Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78M05-Q1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com