Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1580 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC1580
Description  Single Ended Active Clamp/Reset PWM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1580 Datasheet(HTML) 2 Page - Texas Instruments

  UCC1580 Datasheet HTML 1Page - Texas Instruments UCC1580 Datasheet HTML 2Page - Texas Instruments UCC1580 Datasheet HTML 3Page - Texas Instruments UCC1580 Datasheet HTML 4Page - Texas Instruments UCC1580 Datasheet HTML 5Page - Texas Instruments UCC1580 Datasheet HTML 6Page - Texas Instruments UCC1580 Datasheet HTML 7Page - Texas Instruments UCC1580 Datasheet HTML 8Page - Texas Instruments UCC1580 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
UCC1580-1,-2,-3,-4
UCC2580-1,-2,-3,-4
UCC3580-1,-2,-3,-4
VDD ...........................................16V
IVDD.......................................... 25mA
LINE, RAMP ........................ 0.3V to VDD + 1V
ILINE,IRAMP .....................................5mA
DELAY ........................................ 5.3V
IDELAY ........................................ 5mA
IOUT1 (tpw < 1 s and Duty Cycle < 10%) ....... 0.6A to 1.2A
IOUT2 (tpw < 1 s and Duty Cycle < 10%) ....... 0.4A to 0.4A
ICLK................................ 100mA to 100mA
OSC1, OSC2, SS, SHTDWN, EAIN ..... 0.3V to REF + 0.3V
IEAOUT.................................. 5mAto5mA
IREF ......................................... 30mA
PGND .................................. 0.2V to 0.2V
Storage Temperature .................. -65°C to +150°C
Junction Temperature .................. -55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300°C
All voltages are with respect to ground unless otherwise stated.
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
ABSOLUTE MAXIMUM RATINGS
CONNECTION DIAGRAMS
DIL-16, SOIC-16 (Top View)
J, N, or D Packages
ORDER INFORMATION
The main gate drive output (OUT1) is controlled by the
pulse width modulator. The second output (OUT2) is in-
tended to activate an auxiliary switch during the off time
of the main switch, except that between each transition
there is deadtime where both switches are off, pro-
grammed by a single external resistor. This design offers
two options for OUT2, normal and inverted. In the -1 and
-2 versions, OUT2 is normal and can be used to drive
PMOS FETs. In the -3 and -4 versions, OUT2 is inverted
and can be used to drive NMOS FETs. In all versions,
both the main and auxiliary switches are held off prior to
startup and when the PWM command goes to zero duty
cycle. During fault conditions, OUT1 is held off while
OUT2 operates at maximum duty cycle with a guaran-
teed off time equal to the sum of the two deadtimes.
Undervoltage lockout monitors supply voltage (VDD), the
precision reference (REF), input line voltage (LINE), and
the shutdown comparator (SHTDWN).
If after any of
these four have sensed a fault condition, recovery to full
operation is initiated with a soft start. VDD thresholds, on
and off, are 15V and 8.5V for the -2 and -4 versions, 9V
and 8.5V for the -1 and -3 versions.
The UCC1580-x is specified for operation over the mili-
tary
temperature
range
of -55°C to 125°C. The
UCC2580-x is specified from -40°C to 85°C. The
UCC3580-x is specified from 0°C to 70°C. Package op-
tions include 16-pin surface mount and dual in-line.
DESCRIPTION (cont.)


Similar Part No. - UCC1580

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580-1 TI-UCC1580-1 Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580-2 TI-UCC1580-2 Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580-2 TI1-UCC1580-2 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
More results

Similar Description - UCC1580

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
   High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
   Active Clamp Forward PWM Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
International Rectifier
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com