Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC20225NPLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC20225NPLR
Description  4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver with Single Input in LGA
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC20225NPLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC20225NPLR Datasheet HTML 3Page - Texas Instruments UCC20225NPLR Datasheet HTML 4Page - Texas Instruments UCC20225NPLR Datasheet HTML 5Page - Texas Instruments UCC20225NPLR Datasheet HTML 6Page - Texas Instruments UCC20225NPLR Datasheet HTML 7Page - Texas Instruments UCC20225NPLR Datasheet HTML 8Page - Texas Instruments UCC20225NPLR Datasheet HTML 9Page - Texas Instruments UCC20225NPLR Datasheet HTML 10Page - Texas Instruments UCC20225NPLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
UCC20225
www.ti.com
SLUSCV8 – APRIL 2017
Product Folder Links: UCC20225
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10):2006-12
and DIN EN 61010-1 (VDE 0411-
1):2011-07
Approved under CSA Component
Acceptance Notice 5A, IEC 60950-1,
and IEC 61010-1
Certified according to UL
1577 Component
Recognition Program
Certified according to
GB4943.1-2011
Basic Insulation Maximum Transient
Overvoltage, 3535 VPK; Maximum
Repetitive Peak Voltage, 792 VPK;
Maximum Surge Isolation Voltage,
3535 VPK
Basic insulation and Reinforced
insulation per CSA 60950-1-
07+A1+A2 and IEC 60950-1 2nd
Ed.+A1+A2;Basic insulation per
CSA 61010-1-12 and IEC 61010-1
3rd Ed.
Single protection, 2500 VRMS
Basic Insulation,
Altitude
≤ 5000 m,
Tropical Climate,
Agency Qualification Planned
Agency Qualification Planned
Agency Qualification Planned Agency Qualification Planned
6.8 Safety-Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
SIDE
MIN
TYP
MAX
UNIT
IS
Safety output supply
current
RθJA = 98.0ºC/W, VDDA/B = 12 V, TA =
25°C, TJ = 150°C
See Figure 2
DRIVER A,
DRIVER B
50
mA
RθJA = 98.0ºC/W, VDDA/B = 25 V, TA =
25°C, TJ = 150°C
DRIVER A,
DRIVER B
24
mA
PS
Safety supply power
RθJA = 98.0ºC/W, TA = 25°C, TJ = 150°C
See Figure 3
INPUT
0.05
W
DRIVER A
0.60
DRIVER B
0.60
TOTAL
1.25
TS
Safety temperature
150
°C
The safety-limiting constraint is the maximum junction temperature specified in the datasheet. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that
of a device installed on a high-K test board for leaded surface-mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance. More detailed information about junction temperature
prediction can be found in Estimating Junction Temperature


Similar Part No. - UCC20225NPLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC20225 TI1-UCC20225 Datasheet
1Mb / 45P
[Old version datasheet]   Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48V Systems
UCC20225 TI1-UCC20225 Datasheet
1Mb / 48P
[Old version datasheet]   Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48-V Systems
UCC20225-Q1 TI1-UCC20225-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48V Systems
UCC20225-Q1 TI1-UCC20225-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48-V Systems
UCC20225-Q1 TI1-UCC20225-Q1_V01 Datasheet
1Mb / 48P
[Old version datasheet]   Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48-V Systems
More results

Similar Description - UCC20225NPLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com