Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28060 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC28060
Description  Natural Interleaving DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28060 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28060_17 Datasheet HTML 7Page - Texas Instruments UCC28060_17 Datasheet HTML 8Page - Texas Instruments UCC28060_17 Datasheet HTML 9Page - Texas Instruments UCC28060_17 Datasheet HTML 10Page - Texas Instruments UCC28060_17 Datasheet HTML 11Page - Texas Instruments UCC28060_17 Datasheet HTML 12Page - Texas Instruments UCC28060_17 Datasheet HTML 13Page - Texas Instruments UCC28060_17 Datasheet HTML 14Page - Texas Instruments UCC28060_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
T
Temperature
C
°
J -
-
110
105
100
95
90
80
-40
-20
0
20
40
60
80
100
120
85
5.94V<V
<6.06V
SENSE
V
OutputVoltage
V
COMP -
-
11
10
9
8
7
6
0
0
1
2
3
4
5
5
4
3
2
1
V
=6.1V
SENSE
T
Temperature
C
°
J -
-
150
145
140
135
130
125
-40
-20
0
20
40
60
80
100
120
V
InputVoltage
V
VSENSE
-
-
440
400
360
320
280
240
0
0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
200
160
120
80
40
UCC28060
www.ti.com .................................................................................................................................................... SLUS767E – MAY 2007 – REVISED NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At VCC = 16 V, AGND = PGND = 0 V, VINAC = 3 V, VSENSE = 6 V, HVSEN = 3 V, PHB = 5 V, RTSET = 133 kΩ; all voltages
are with respect to GND, all outputs unloaded, TJ = TA = +25°C, and currents are positive into and negative out of the
specified terminal, unless otherwise noted.
ERROR AMPLIFIER TRANSCONDUCTANCE
ERROR AMPLIFIER OUTPUT CURRENT
vs
vs
TEMPERATURE
OUTPUT VOLTAGE
Figure 5.
Figure 6.
ERROR AMPLIFIER INPUT BIAS CURRENT
CURRENT SENSE INPUT BIAS CURRENT
vs
vs
INPUT VOLTAGE
TEMPERATURE
Figure 7.
Figure 8.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCC28060


Similar Part No. - UCC28060_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28060 TI1-UCC28060_13 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI-UCC28060_15 Datasheet
1Mb / 37P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
More results

Similar Description - UCC28060_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28060 TI-UCC28060_15 Datasheet
1Mb / 37P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI1-UCC28060_13 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI-UCC28060 Datasheet
873Kb / 31P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28061DR TI1-UCC28061DR Datasheet
864Kb / 35P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise
UCC28063 TI-UCC28063_15 Datasheet
1Mb / 44P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28061 TI-UCC28061 Datasheet
709Kb / 31P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_1 Datasheet
987Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_15 Datasheet
771Kb / 36P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28064A TI1-UCC28064A Datasheet
4Mb / 57P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller with High Light-Load Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com