Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC21225ANPLR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21225ANPLR
Description  4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21225ANPLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC21225ANPLR Datasheet HTML 4Page - Texas Instruments UCC21225ANPLR Datasheet HTML 5Page - Texas Instruments UCC21225ANPLR Datasheet HTML 6Page - Texas Instruments UCC21225ANPLR Datasheet HTML 7Page - Texas Instruments UCC21225ANPLR Datasheet HTML 8Page - Texas Instruments UCC21225ANPLR Datasheet HTML 9Page - Texas Instruments UCC21225ANPLR Datasheet HTML 10Page - Texas Instruments UCC21225ANPLR Datasheet HTML 11Page - Texas Instruments UCC21225ANPLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
UCC21225A
SLUSCV6 – APRIL 2017
www.ti.com
Product Folder Links: UCC21225A
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.9 Electrical Characteristics
VVCCI = 3.3 V or 5 V, 0.1-µF capacitor from VCCI to GND, VVDDA = VVDDB = 12 V, 1-µF capacitor from VDDA and VDDB to
VSSA and VSSB, TA = –40°C to +125°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENTS
IVCCI
VCCI quiescent current
VINA = 0 V, VINB = 0 V
1.5
2.0
mA
IVDDA,
IVDDB
VDDA and VDDB quiescent current
VINA = 0 V, VINB = 0 V
1.0
1.8
mA
IVCCI
VCCI operating current
(f = 500 kHz) current per channel,
COUT = 100 pF
2.0
mA
IVDDA,
IVDDB
VDDA and VDDB operating current
(f = 500 kHz) current per channel,
COUT = 100 pF
2.5
mA
VCCI SUPPLY UNDERVOLTAGE LOCKOUT THRESHOLDS
VVCCI_ON
Rising threshold
2.55
2.7
2.85
V
VVCCI_OFF
Falling threshold VCCI_OFF
2.35
2.5
2.65
V
VVCCI_HYS
Threshold hysteresis
0.2
V
VDD SUPPLY UNDERVOLTAGE LOCKOUT THRESHOLDS
VVDDA_ON,
VVDDB_ON
Rising threshold VDDA_ON,
VDDB_ON
5.7
6.0
6.3
V
VVDDA_OFF,
VVDDB_OFF
Falling threshold VDDA_OFF,
VDDB_OFF
5.4
5.7
6
V
VVDDA_HYS,
VVDDB_HYS
Threshold hysteresis
0.3
V
INA, INB AND DISABLE
VINAH, VINBH,
VDISH
Input high voltage
1.6
1.8
2
V
VINAL, VINBL,
VDISL
Input low voltage
0.8
1
1.2
V
VINA_HYS,
VINB_HYS,
VDIS_HYS
Input hysteresis
0.8
V
VINA, VINB
Negative transient, ref to GND, 50
ns pulse
Not production tested, bench test
only
–5
V


Similar Part No. - UCC21225ANPLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220 TI1-UCC21220 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220A TI1-UCC21220A Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220AD TI1-UCC21220AD Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220ADR TI1-UCC21220ADR Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
More results

Similar Description - UCC21225ANPLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC20225 TI1-UCC20225 Datasheet
1Mb / 44P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver with Single Input in LGA
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com