Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28060D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28060D
Description  Natural Interleaving DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28060D Datasheet(HTML) 4 Page - Texas Instruments

  UCC28060D Datasheet HTML 1Page - Texas Instruments UCC28060D Datasheet HTML 2Page - Texas Instruments UCC28060D Datasheet HTML 3Page - Texas Instruments UCC28060D Datasheet HTML 4Page - Texas Instruments UCC28060D Datasheet HTML 5Page - Texas Instruments UCC28060D Datasheet HTML 6Page - Texas Instruments UCC28060D Datasheet HTML 7Page - Texas Instruments UCC28060D Datasheet HTML 8Page - Texas Instruments UCC28060D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ELECTRICAL CHARACTERISTICS
UCC28060
SLUS767E – MAY 2007 – REVISED NOVEMBER 2008 .................................................................................................................................................... www.ti.com
At VCC = 16 V, AGND = PGND = 0 V, VINAC = 3 V, VSENSE = 6 V, HVSEN = 3 V, PHB = 5 V, RTSET = 133 kΩ; all voltages
are with respect to GND, all outputs unloaded, –40°C < TJ = TA < +125°C, and currents are positive into and negative out of
the specified terminal, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC BIAS SUPPLY
VCC(shunt)
VCC shunt voltage(1)
IVCC = 10 mA
22
24
26
V
IVCC(stby)
VCC current, disabled
VSENSE = 0 V
100
200
µA
IVCC(on)
VCC current, enabled
VSENSE = 6 V
5
8
mA
UNDERVOLTAGE LOCKOUT (UVLO)
VCC(on)
VCC turn-on threshold
11.5
12.6
13.5
V
VCC(off)
VCC turn-off threshold
9.5
10.35
11.5
V
UVLO Hysteresis
1.85
2.25
2.65
V
REFERENCE
VREF
VREF output voltage, no load
IVREF = 0 mA
5.82
6.00
6.18
V
VREF change with load
0 mA
≤ IVREF ≤ –2 mA
1
6
mV
VREF change with VCC
12 V
≤ VCC ≤ 20 V
1
10
mV
ERROR AMPLIFIER
VSENSE input regulation voltage
TA = +25°C
5.85
6.00
6.15
V
VSENSE input regulation voltage
5.82
6.00
6.18
V
VSENSE input bias current
In regulation
125
300
800
nA
COMP high voltage, clamped
VSENSE = 5.8 V
4.70
4.95
5.10
V
COMP low voltage, saturated
VSENSE = 6.2 V
0.03
0.125
V
COMP = 3 V,
gm
VSENSE to COMP transconductance
75
96
110
µS
5.94 V < VSENSE < 6.06 V
COMP source current, overdriven
VSENSE = 5 V, COMP = 3 V
–120
–160
–190
µA
COMP sink current
VSENSE = 6.4 V, COMP = 3 V
18
25
32
µA
VSENSE threshold for COMP offset enable, down
Voltage below VREF
135
185
235
mV
from VREF
VOVP
VSENSE over-voltage threshold, rising
6.25
6.45
6.7
V
VSENSE over-voltage hysteresis
0.1
0.2
0.4
V
VSENSE enable threshold, rising
1.15
1.25
1.35
V
VSENSE enable hysteresis
0.02
0.05
0.2
V
OUTPUT MONITORING
VPWMCNTL
HVSEN threshold to PWMCNTL
HVSEN rising
2.35
2.50
2.65
V
HVSEN input bias current, high
HVSEN = 3 V
–0.5
0.5
µA
HVSEN input bias current, low
HVSEN = 2 V
28
36
41
µA
HVSEN rising threshold to over-voltage fault
4.64
4.87
5.1
V
HVSEN falling threshold to over-voltage fault
4.45
4.67
4.80
V
PHB = 5 V,
Phase Fail filter time to PWMCNTL high
8
14
20
ms
ZCDA switching, ZCDB = 0.5 V
PWMCNTL leakage current high
HVSEN = 2 V, PWMCNTL = 15 V
–1
1
µA
PWMCNTL output voltage low
HVSENS = 3 V, IPWMCNTL = 5 mA
0.2
0.5
V
(1)
Excessive VCC input voltage and current will damage the device. This clamp does not protect the device from an unregulated supply. If
an unregulated supply is used, a Fixed Positive Voltage Regulator such as the UA78L15A is recommended. See the Absolute Maximum
Ratings table for the limits on VCC voltage and current.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28060


Similar Part No. - UCC28060D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28060D TI-UCC28060D Datasheet
873Kb / 31P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060D TI1-UCC28060D Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060DG4 TI1-UCC28060DG4 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060DR TI1-UCC28060DR Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060DRG4 TI1-UCC28060DRG4 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
More results

Similar Description - UCC28060D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28060 TI-UCC28060_15 Datasheet
1Mb / 37P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI1-UCC28060_13 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI-UCC28060 Datasheet
873Kb / 31P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28061DR TI1-UCC28061DR Datasheet
864Kb / 35P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise
UCC28063 TI-UCC28063_15 Datasheet
1Mb / 44P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28061 TI-UCC28061 Datasheet
709Kb / 31P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_1 Datasheet
987Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_15 Datasheet
771Kb / 36P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28064A TI1-UCC28064A Datasheet
4Mb / 57P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller with High Light-Load Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com