Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28060D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28060D
Description  Natural Interleaving DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28060D Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28060D Datasheet HTML 6Page - Texas Instruments UCC28060D Datasheet HTML 7Page - Texas Instruments UCC28060D Datasheet HTML 8Page - Texas Instruments UCC28060D Datasheet HTML 9Page - Texas Instruments UCC28060D Datasheet HTML 10Page - Texas Instruments UCC28060D Datasheet HTML 11Page - Texas Instruments UCC28060D Datasheet HTML 12Page - Texas Instruments UCC28060D Datasheet HTML 13Page - Texas Instruments UCC28060D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TYPICAL CHARACTERISTICS
V
BiasSupplyVoltage
V
VCC
-
-
5.5
5.0
4.5
4.0
3.5
3.0
0
0
2
4
6
8
10
12
14
16
18
20
VCCTurn-Off
VCCTurn-On
2.5
2.0
1.5
1.0
0.5
T
Temperature
C
°
J
-
-
6.0
5.8
5.6
5.4
5.2
4.0
-
40
-
20
0
20
40
60
80
100
120
5.0
4.8
4.6
4.4
4.2
Operating
T
Temperature
C
°
J -
-
140
120
100
80
60
0
-40
-20
0
20
40
60
80
100
120
40
20
Disabled
V
InputVoltage
V
VSENSE -
-
40
20
0
-20
-40
-60
-180
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
-80
-100
-120
-140
-160
Transconductance96
S
m
SinkCurrent
25
A
m
InputRegulationVoltage
0
Aat6.0V
m
COMPOffsetEnable
165mVDownfrom
RegulationVoltage
SourceCurrentOverdriven-160
A
m
UCC28060
SLUS767E – MAY 2007 – REVISED NOVEMBER 2008 .................................................................................................................................................... www.ti.com
At VCC = 16 V, AGND = PGND = 0 V, VINAC = 3 V, VSENSE = 6 V, HVSEN = 3 V, PHB = 5 V, RTSET = 133 kΩ; all voltages
are with respect to GND, all outputs unloaded, TJ = TA = +25°C, and currents are positive into and negative out of the
specified terminal, unless otherwise noted.
BIAS SUPPLY CURRENT
BIAS SUPPLY CURRENT
vs
vs
BIAS SUPPLY VOLTAGE
TEMPERATURE
Figure 1.
Figure 2.
BIAS SUPPLY CURRENT
vs
TEMPERATURE
ERROR AMPLIFIER TRANSFER FUNCTION
Figure 3.
Figure 4.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28060


Similar Part No. - UCC28060D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28060D TI-UCC28060D Datasheet
873Kb / 31P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060D TI1-UCC28060D Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060DG4 TI1-UCC28060DG4 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060DR TI1-UCC28060DR Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060DRG4 TI1-UCC28060DRG4 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
More results

Similar Description - UCC28060D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28060 TI-UCC28060_15 Datasheet
1Mb / 37P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI1-UCC28060_13 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI-UCC28060 Datasheet
873Kb / 31P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28061DR TI1-UCC28061DR Datasheet
864Kb / 35P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise
UCC28063 TI-UCC28063_15 Datasheet
1Mb / 44P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28061 TI-UCC28061 Datasheet
709Kb / 31P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_1 Datasheet
987Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_15 Datasheet
771Kb / 36P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28064A TI1-UCC28064A Datasheet
4Mb / 57P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller with High Light-Load Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com