Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHP2815S Datasheet(PDF) 9 Page - International Rectifier

Part # GHP2815S
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GHP2815S Datasheet(HTML) 9 Page - International Rectifier

Back Button GHP2815S Datasheet HTML 4Page - International Rectifier GHP2815S Datasheet HTML 5Page - International Rectifier GHP2815S Datasheet HTML 6Page - International Rectifier GHP2815S Datasheet HTML 7Page - International Rectifier GHP2815S Datasheet HTML 8Page - International Rectifier GHP2815S Datasheet HTML 9Page - International Rectifier GHP2815S Datasheet HTML 10Page - International Rectifier GHP2815S Datasheet HTML 11Page - International Rectifier GHP2815S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
GHP-SERIES
(28V Input, Single/Dual Output)
9
2017-04-19
Dual Output:
To adjust the output voltage of the dual output models, a resistor (RADJ) is connected between the Adjust pin (Pin 8) and
either output. This allows the outputs to be reliably adjusted by approximately +10% to -20% of the nominal output voltage.
Refer to Figure 9 and use equations provided to calculate the required resistance (RADJ).
Fig 4. Configuration for Adjusting Dual Output Voltage
For all Dual Output Models, to adjust the output voltages higher:
Where: RADJ is in kOhms
RADJ is connected to the -Out pin and VNOM < VOUT < 1.1VNOM (Fig. 4, Note 2)
VNOM is the nominal output voltage with the Adjust pin left open
VOUT is the desired output voltage
For all Dual Output Models, to adjust the output voltages lower:
Where: RADJ is in kOhms
RADJ is connected to the +Out pin and 0.8VNOM < VOUT < VNOM (Fig. 4, Note 1)
VNOM is the nominal output voltage with the Adjust pin left open
VOUT is the desired output voltage
 
-75
RADJ =
8 x (VNOM –1.25) x ( VOUT – 1.25)
VNOM -VOUT


Similar Part No. - GHP2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2815S IRF-GHP2815S Datasheet
328Kb / 7P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GHP2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com