Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHP7005D Datasheet(PDF) 4 Page - International Rectifier

Part # GHP7005D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GHP7005D Datasheet(HTML) 4 Page - International Rectifier

  GHP7005D Datasheet HTML 1Page - International Rectifier GHP7005D Datasheet HTML 2Page - International Rectifier GHP7005D Datasheet HTML 3Page - International Rectifier GHP7005D Datasheet HTML 4Page - International Rectifier GHP7005D Datasheet HTML 5Page - International Rectifier GHP7005D Datasheet HTML 6Page - International Rectifier GHP7005D Datasheet HTML 7Page - International Rectifier GHP7005D Datasheet HTML 8Page - International Rectifier GHP7005D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
GHP-SERIES
(70V Input, Single/Dual Output)
4
2017-05-18
Electrical Performance Characteristics (continued)
Parameter
Group A
Subgroup
Conditions
-55°C
 TC  +85°C
VIN = 70V DC ± 5%, CL = 0
unless otherwise specified
Limits
Unit
Min
Nom
Max
Current Limit Point
Expressed as a percentage
of full rated load current
1,2,3
VOUT = 90% of Nominal, Note 4
145
%
Power dissipation, load fault (PD)
1,2,3
Short Circuit, Overload, Note 8
35
W
Output response to
step load changes (VTLD)
GHP7003R3S
GHP7005S
GHP7006S
GHP7012S
GHP7015S
GHP7005D
GHP7012D
GHP7015D
4,5,6
Half Load to/from Full Load,
Notes 4,9
-170
-250
-300
-600
-750
-450
-750
-750
170
250
300
600
750
450
750
750
mVpk
Recovery time,
step load changes (TTLD)
4, 5, 6
Half Load to/from Full Load,
Notes 4, 9,10
200
s
Output response to
step line changes (VTLN)
60V to/from 100V
IOUT = 100% rated load, Notes 1, 4,11
-150
150
mVpk
Recovery time,
step line changes (TTLN)
60V to/from 100V
IOUT = 100% rated load,
Notes 1,4,10,11
200
s
Capacitive load (CL)
GHP7003R3S
GHP7005S
GHP7006S
GHP7012S
GHP7015S
GHP7005D
GHP7012D
GHP7015D
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4, 7
Each output on duals
6000
5000
3000
1000
1000
1000
500
500
µF
Turn-on Response
Overshoot (VOS)
Turn-on Delay (TDLY)
4,5,6
No Load, Full Load
Notes 4,12
0.5
1.0
5.0
%
ms
Line Rejection
IOUT = 100% rated load
DC to 50 kHz, Notes 1, 4
40
60
dB
Isolation
1
Input to Output or Any Pin to Case
except Pin 6, test @ 500VDC
100
M
Device Weight
110
g
MTBF
MIL-HDBK-217F2, SF, 35°C
3.3 x 106
Hrs
Synchronization Input
frequency range
pulse high level
pulse low level
pulse transition time
pulse duty cycle
Ext. Clock on Sync. Input (Pin 4)
Note 1
450
4.0
-0.5
40
20
600
10.0
0.5
80
kHz
V
V
V/
s
%
For Notes to Electrical Performance Characteristics, refer to page 5


Similar Part No. - GHP7005D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP12003R3S IRF-GHP12003R3S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005D IRF-GHP12005D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12006S IRF-GHP12006S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12012D IRF-GHP12012D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GHP7005D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com