Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-ATF-5X1M4E Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # DEMO-ATF-5X1M4E
Description  Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-ATF-5X1M4E Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button DEMO-ATF-5X1M4E Datasheet HTML 6Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 7Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 8Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 9Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 10Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 11Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 12Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 13Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
S and Noise Parameter Measurements
The position of the reference planes
used for the measurement of both S
and Noise Parameter measurements
is shown in F­igure 20. The reference
plane can be described as being at
the center of both the gate and drain
pads.
S and noise parameters are measured
with a 50 ohm microstrip test fixture
made with a 0.010" thickness alu‑
minum substrate. Both source leads
are connected directly to ground via
a 0.010" thickness metal rib which
provides a very low inductance path
to ground for both source leads. The
inductance associated with the ad‑
dition of printed circuit board plated
through holes and source bypass
capacitors must be added to the
computer circuit simulation to prop‑
erly model the effect of grounding
the source leads in a typical amplifier
design.
Gate
Pin 2
Source
Pin 3
Drain
Pin 4
Source
Pin 1
Reference
Plane
Microstrip
Transmission Lines
Sx
Figure 20.
Noise Parameter Applications Information
The F­min values are based on a set
of 16 noise figure measurements
made at 16 different impedances
using an ATN NP5 test system. F­rom
these measurements, a true F­min is
calculated. F­min represents the true
minimum noise figure of the device
when the device is presented with an
impedance matching network that
transforms the source impedance,
typically 50Ω, to an impedance repre‑
sented by the reflection coefficient
Γ
o.
The designer must design a matching
network that will present
Γ
o to the
device with minimal associated circuit
losses. The noise figure of the com‑
pleted amplifier is equal to the noise
figure of the device plus the losses of
the matching network preceding the
device. The noise figure of the device
is equal to F­min only when the device
is presented with
Γ
o. If the reflection
coefficient of the matching network is
other than
Γ
o, then the noise figure of
the device will be greater than F­min
based on the following equation.
NF­ = F­
min + 4 Rn
|
Γ
s – Γo |
2
Zo (|1 +
Γ
o|
2
)(1‑
s|
2
)
Where Rn/Zo is the normalized noise
resistance,
Γ
o is the optimum reflec‑
tion coefficient required to produce
F­min and
Γ
s is the reflection coeffi‑
cient of the source impedance actu‑
ally presented to the device.
The losses of the matching networks
are non‑zero and they will also add to
the noise figure of the device creating
a higher amplifier noise figure. The
losses of the matching networks are
related to the Q of the components
and associated printed circuit board
loss.
Γ
o is typically fairly low at higher
frequencies and increases as fre‑
quency is lowered. Larger gate width
devices will typically have a lower
Γ
o
as compared to narrower gate width
devices. Typically for F­ETs , the higher
Γ
o usually infers that an impedance
much higher than 50Ω is required for
the device to produce F­min. At VHF­
frequencies and even lower L Band
frequencies, the required imped‑
ance can be in the vicinity of several
thousand ohms. Matching to such a
high impedance requires very hi‑Q
components in order to minimize cir‑
cuit losses. As an example at 900 MHz,
when airwwound coils (Q>100)are
used for matching networks, the loss
can still be up to 0.25 dB which will
add directly to the noise figure of the
device. Using muiltilayer molded in‑
ductors with Qs in the 30 to 50 range
results in additional loss over the air‑
wound coil. Losses as high as 0.5 dB
or greater add to the typical 0.15 dB
F­min of the device creating an ampli‑
fier noise figure of nearly 0.65 dB.
SMT Assembly
The package can be soldered us‑
ing either lead‑bearing or lead‑free
alloys (higher peak temperatures).
Reliable assembly of surface mount
components is a complex process that
involves many material, process, and
equipment factors, including: method
of heating (e.g. IR or vapor phase
reflow, wave soldering, etc) circuit
board material, conductor thickness
and pattern, type of solder alloy, and
the thermal conductivity and thermal
mass of components. Components
with a low mass, such as the Minipak
1412 package, will reach solder reflow
temperatures faster than those with a
greater mass.
The recommended leaded solder
time‑temperature profile is shown in
F­igure 21.This profile is representative
of an IR reflow type of surface mount
assembly process. After ramping up
from room temperature, the circuit
board with components attached
to it (held in place with solder paste)
passes through one or more preheat
zones.The preheat zones increase the
temperature of the board and compo‑
nents to prevent thermal shock and
begin evaporating solvents from the
solder paste. The reflow zone briefly
elevates the temperature sufficiently
to produce a reflow of the solder.
The rates of change of temperature
for the ramp‑up and cool‑down zones
are chosen to be low enough to not
cause deformation of board or dam‑
age to components due to thermal
shock. The maximum temperature
in the reflow zone (Tmax) should not
exceed 235°C for leaded solder.
These parameters are typical for a
surface mount assembly process for
the ATF­‑541M4. As a general guide‑
line, the circuit board and compo‑
nents should only be exposed to the
minimum temperatures and times
the necessary to achieve a uniform
reflow of solder.
The recommended lead‑free reflow
profile is shown in F­igure 22.


Similar Part No. - DEMO-ATF-5X1M4E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ATF-5X143 BOARDCOM-DEMO-ATF-5X143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
DEMO-ATF-5X189 BOARDCOM-DEMO-ATF-5X189 Datasheet
430Kb / 22P
   Enhancement Mode[1] Pseudomorphic HEMT in SOT 89 Package
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
More results

Similar Description - DEMO-ATF-5X1M4E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-551M4 HP-ATF-551M4 Datasheet
198Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-331M4 AVAGO-ATF-331M4 Datasheet
430Kb / 14P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-38143 AVAGO-ATF-38143 Datasheet
377Kb / 12P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-35143 AVAGO-ATF-35143_15 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF54143 HP-ATF54143 Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com