Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASG2-LJ Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASG2-LJ
Description  Short lead time
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASG2-LJ Datasheet(HTML) 1 Page - Abracon Corporation

  ASG2-LJ Datasheet HTML 1Page - Abracon Corporation ASG2-LJ Datasheet HTML 2Page - Abracon Corporation ASG2-LJ Datasheet HTML 3Page - Abracon Corporation ASG2-LJ Datasheet HTML 4Page - Abracon Corporation ASG2-LJ Datasheet HTML 5Page - Abracon Corporation ASG2-LJ Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APPLICATIONS:
FEATURES:
2.5 x 2.0 x 1.0 mm
STANDARD SPECIFICATIONS:
• LVCMOS, LVDS or LVPECL output option
• +2.5V or +3.3V operation
• -40°C to +85°C standard operating temperature range
• Ultra low RMS Jitter: 0.5ps typical, 1.0ps max (12kHz to 20MHz BW)
• Miniature size 2.5 x 2.0 x 1.0 mm Ceramic SMT Package
• Short lead time
30332 Esperanza,Rancho SantaMargarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 06/03/2016
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Programmable – High Performance Low Jitter SMD XO
Moisture Sensitivity Level (MSL) – 1
• Networking
• SONET/SDH
• WiMax / WLAN
• Computing
• Phase Locked Loops
• Direct Digital Synthesis (DDS)
• DSL/ADSL
• Base Terminal Stations
Pb RoHS / RoHS II Compliant
ESD Sensitive
ASG2-LJ
Key Electrical Specifications – LVCMOS
Key Electrical Specifications – LVDS
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
0
0
2
8
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Supply Current (Idd
A
m
0
4
)
Output Logic Level
VOH
0.9*Vdd
V
I=±6mA
VOL
0.1*Vdd
V
Rise Time
Tr
3
ns
10% to 90%
Fall Time
Tf
3
ns
%
2
5
0
5
8
4
e
l
c
y
C
y
t
u
D
F
p
5
1
d
a
o
L
t
u
p
t
u
O
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
0
0
5
1
8
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Supply Current (Idd
t
n
e
d
n
e
p
e
d
.
q
e
r
F
A
m
0
4
)
Differential Output Voltage Swing
350
mV
V
5
2
.
1
@
%
5
5
5
4
e
l
c
y
C
y
t
u
D
Rise Time
Tr
600
ps
RL=100Ω/CL=10pF
Fall Time
Tf
600
Note #1: Inclusive of initial tolerance at 25ºC±3ºC, operating temperature range, input voltage variation, load variation & 15 years
aging at 25ºC.
Parameters
Minimum
Typical
Maximum Units
Notes
Operating Temperature
-40
+85
°C
Storage Temperature
-55
+125
°C
Overall Frequency Stability
-50
+50
ppm
See Note # 1
Initial Tolerance + Stability over
operating temperature
-35.00
+35.00
ppm
Supply Voltage (Vdd)
Vdd = 3.3V
3.135
3.300
3.465
V
Vdd = 2.5V
2.375
2.500
2.625
V
Enable/Disable Function :
"1" (VIH ≥ 0.7*Vdd) or Open: Oscillation
"0" (VIL < 0.3*Vdd) : High Z
Phase jitter RMS (12kHz to 20MHz BW)
0.5
1
ps
Key Electrical Specifications – LVPECL
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
8
1500
MHz
Supply Current (Idd)
65
mA
Freq. dependent
Output Logic Level
VOH
Vdd - 1.025
V
50Ω nominal load
VOL
Vdd – 1.62
V
V
3
.
1
-
d
d
V
@
%
5
5
5
4
e
l
c
y
C
y
t
u
D
Rise Time
Tr
600
ps
20% to 80%
Fall Time
Tf
600


Similar Part No. - ASG2-LJ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASG2-D ABRACON-ASG2-D Datasheet
2Mb / 4P
   Programmable - High Performance
07.01.14
ASG2-P ABRACON-ASG2-P Datasheet
2Mb / 4P
   Short lead time
07.01.14
More results

Similar Description - ASG2-LJ

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ETXO-H ECS-ETXO-H Datasheet
416Kb / 3P
   Short Lead time
logo
Abracon Corporation
ASG2-P ABRACON-ASG2-P Datasheet
2Mb / 4P
   Short lead time
07.01.14
logo
ECS, Inc.
ETXO-L ECS-ETXO-L Datasheet
864Kb / 3P
   Short Lead time
ECXV-P ECS-ECXV-P Datasheet
493Kb / 3P
   Short Lead time
ETXO-P ECS-ETXO-P Datasheet
1Mb / 3P
   Short Lead time
logo
List of Unclassifed Man...
SG-8101CA ETC1-SG-8101CA Datasheet
1Mb / 8P
   PLL technology to enable short lead time
SG-8018CA ETC1-SG-8018CA Datasheet
1Mb / 8P
   PLL technology to enable short lead time
logo
Ironwood Electronics.
CBT-QFN-7030 IRONWOOD-CBT-QFN-7030 Datasheet
274Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7002 IRONWOOD-CHBT-BGA-7002 Datasheet
459Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-7004 IRONWOOD-SBT-BGA-7004 Datasheet
419Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com