Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-HMPP-38X0 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # DEMO-HMPP-38X0
Description  MiniPak Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-HMPP-38X0 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button DEMO-HMPP-38X0 Datasheet HTML 2Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 3Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 4Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 5Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 6Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 7Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 8Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 9Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Linear Equivalent Circuit
In order to predict the performance of the HMPP-3890 as
a switch, it is necessary to construct a model which can
then be used in one of the several linear analysis programs
presently on the market. Such a model is given in Figure
16, where R
S + Rj is given in Figure 1 and Cj is provided
in Figure 2. Careful examination of Figure 16 will reveal
the fact that the package parasitics (inductance and ca-
pacitance) are much lower for the MiniPak than they are
for leaded plastic packages such as the SOT-23, SOT-323
or others. This will permit the HMPP-389x family to be
used at higher frequencies than its conventional leaded
counterparts.
APLAC parameter can be obtained at http://www.
hp.woodshot.com/hprfhelp/design/SPICE/pins.
htm#HSMP389x website
Figure 11a. Linear Equivalent Circuit of the MiniPak 1412 PIN Diode.
30 fF
30 fF
20 fF
20 fF
1.1 nH
Single diode package (HMPP-3890)
2
3
1
4
30 fF
30 fF
20 fF
20 fF
12 fF
12 fF
0.5 nH
Anti-parallel diode package (HMPP-3892)
2
3
1
4
0.5 nH
0.05 nH
0.5 nH
0.05 nH
0.05 nH
0.5 nH
0.05 nH
30 fF
30 fF
20 fF
20 fF
0.5 nH
0.05 nH
Parallel diode package (HMPP-3895)
2
3
1
4
0.5 nH
0.05 nH
0.5 nH
0.05 nH
0.5 nH
0.05 nH
30fF
30fF
0.5nH
0.5nH
0.1nH
0.1nH
0.05nH
0.05nH
0.05nH
0.05nH
3
2
4
1
20fF
Diode package (HMPP-389T)
20fF


Similar Part No. - DEMO-HMPP-38X0

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-HMPP-389T BOARDCOM-DEMO-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
More results

Similar Description - DEMO-HMPP-38X0

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMPP-389X HP-HMPP-389X Datasheet
159Kb / 11P
   MiniPak Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HMPP-3890 BOARDCOM-HMPP-3890 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3892 BOARDCOM-HMPP-3892 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3895 BOARDCOM-HMPP-3895 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389X BOARDCOM-HMPP-389X Datasheet
1Mb / 14P
   MiniPak Surface Mount RF PIN Switch Diodes
DEMO-HMPP-389T BOARDCOM-DEMO-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389T BOARDCOM-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3860 BOARDCOM-HMPP-3860 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-3862 BOARDCOM-HMPP-3862 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-386X BOARDCOM-HMPP-386X Datasheet
5Mb / 11P
   MiniPak Surface Mount RF PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com