Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-HMPP-38X0 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # DEMO-HMPP-38X0
Description  MiniPak Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-HMPP-38X0 Datasheet(HTML) 1 Page - Broadcom Corporation.

  DEMO-HMPP-38X0 Datasheet HTML 1Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 2Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 3Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 4Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 5Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 6Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 7Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 8Page - Broadcom Corporation. DEMO-HMPP-38X0 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HMPP-389x Series
MiniPak Surface Mount RF PIN Switch Diodes
Data Sheet
Description/Applications
These ultra-miniature products represent the blending of
AvagoTechnologies’proven semiconductor and the latest
in leadless packaging technology.
TheHMPP-389xseriesisoptimizedforswitchingapplications
where low resistance at low current and low capacitance
are required.The MiniPak package offers reduced parasitics
when compared to conventional leaded diodes, and lower
thermal resistance.
Low junction capacitance of the PIN diode chip, combined
with ultra low package parasitics, mean that these prod-
ucts may be used at frequencies which are higher than
the upper limit for conventional PIN diodes.
Note that Avago’s manufacturing techniques assure that
dice packaged in pairs are taken from adjacent sites on
the wafer, assuring the highest degree of match.
The HMPP-389T low inductance wide band shunt switch
is well suited for applications up to 6 GHz.
Minipak 1412 is a ceramic based package, while Minipak
QFN is a leadframe based package.
Package Lead Code Identification (Top View)
Features
• Surface mount MiniPak package
• Better thermal conductivity for higher power dissipa-
tion
• Single and dual versions
• Matched diodes for consistent performance
• Low capacitance
• Low resistance at low current
• Low FIT (Failure in Time) rate*
• Six-sigma quality level
* For more information, see the Surface Mount Schottky Reliability
Data Sheet.
Pin Connections and Package Marking
Notes:
1. Package marking provides orientation and
identification.
2. See “Electrical Specifications” for appropri-
ate package marking.
3
2
Product code
Date code
4
AA
1
Single
3
2
4
1
#0
Anti-parallel
3
2
4
1
#2
Parallel
3
2
4
1
#5
(Minipak 1412)
(Minipak 1412)
(Minipak 1412)
Shunt Switch
3
2
4
1
T
Anode
Cathode
Cathode
Anode


Similar Part No. - DEMO-HMPP-38X0

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-HMPP-389T BOARDCOM-DEMO-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
More results

Similar Description - DEMO-HMPP-38X0

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMPP-389X HP-HMPP-389X Datasheet
159Kb / 11P
   MiniPak Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HMPP-3890 BOARDCOM-HMPP-3890 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3892 BOARDCOM-HMPP-3892 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3895 BOARDCOM-HMPP-3895 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389X BOARDCOM-HMPP-389X Datasheet
1Mb / 14P
   MiniPak Surface Mount RF PIN Switch Diodes
DEMO-HMPP-389T BOARDCOM-DEMO-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389T BOARDCOM-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3860 BOARDCOM-HMPP-3860 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-3862 BOARDCOM-HMPP-3862 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-386X BOARDCOM-HMPP-386X Datasheet
5Mb / 11P
   MiniPak Surface Mount RF PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com