Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-HSMP-389V Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # DEMO-HSMP-389V
Description  Surface Mount RF PIN Switch Diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-HSMP-389V Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button DEMO-HSMP-389V Datasheet HTML 5Page - Broadcom Corporation. DEMO-HSMP-389V Datasheet HTML 6Page - Broadcom Corporation. DEMO-HSMP-389V Datasheet HTML 7Page - Broadcom Corporation. DEMO-HSMP-389V Datasheet HTML 8Page - Broadcom Corporation. DEMO-HSMP-389V Datasheet HTML 9Page - Broadcom Corporation. DEMO-HSMP-389V Datasheet HTML 10Page - Broadcom Corporation. DEMO-HSMP-389V Datasheet HTML 11Page - Broadcom Corporation. DEMO-HSMP-389V Datasheet HTML 12Page - Broadcom Corporation. DEMO-HSMP-389V Datasheet HTML 13Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
e
B
e2
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.79
0.000
0.30
0.08
2.73
1.15
0.89
1.78
0.45
2.10
0.45
MAX.
1.20
0.100
0.54
0.20
3.13
1.50
1.02
2.04
0.60
2.70
0.69
SYMBOL
A
A1
B
C
D
E1
e
e1
e2
E
L
e
B
e2
B1
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.79
0.013
0.36
0.76
0.086
2.80
1.20
0.89
1.78
0.45
2.10
0.45
MAX.
1.097
0.10
0.54
0.92
0.152
3.06
1.40
1.02
2.04
0.60
2.65
0.69
SYMBOL
A
A1
B
B1
C
D
E1
e
e1
e2
E
L
e
B
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.80
0.00
0.15
0.08
1.80
1.10
1.80
0.26
MAX.
1.00
0.10
0.40
0.25
2.25
1.40
2.40
0.46
SYMBOL
A
A1
B
C
D
E1
e
e1
E
L
1.30 typical
0.65 typical
E
HE
D
e
A1
b
A
A2
DIMENSIONS (mm)
MIN.
1.15
1.80
1.80
0.80
0.80
0.00
0.15
0.08
0.10
MAX.
1.35
2.25
2.40
1.10
1.00
0.10
0.30
0.25
0.46
SYMBOL
E
D
HE
A
A2
A1
e
b
c
L
0.650 BCS
L
c
Package Dimensions
Outline 23 (SOT-23)
Outline 143 (SOT-143)
Outline SOT-363 (SC-70 6 Lead)
Outline SOT-323 (SC-70 3 Lead)


Similar Part No. - DEMO-HSMP-389V

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-HSMP-38X6 BOARDCOM-DEMO-HSMP-38X6 Datasheet
326Kb / 6P
   Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
More results

Similar Description - DEMO-HSMP-389V

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com