Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-13516 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # MGA-13516
Description  High Gain, High Linearity, Active Bias,Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-13516 Datasheet(HTML) 4 Page - Broadcom Corporation.

  MGA-13516 Datasheet HTML 1Page - Broadcom Corporation. MGA-13516 Datasheet HTML 2Page - Broadcom Corporation. MGA-13516 Datasheet HTML 3Page - Broadcom Corporation. MGA-13516 Datasheet HTML 4Page - Broadcom Corporation. MGA-13516 Datasheet HTML 5Page - Broadcom Corporation. MGA-13516 Datasheet HTML 6Page - Broadcom Corporation. MGA-13516 Datasheet HTML 7Page - Broadcom Corporation. MGA-13516 Datasheet HTML 8Page - Broadcom Corporation. MGA-13516 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Table1. 900MHz Matching Components
Demoboard(showninFigure5)componentvaluesusedfordemoboardschematicshowninFigure6.Thesecomponent
valuesareusedwhenmeasuringElectricalSpecificationsandplotsofFigure7toFigure15.
Part
Size
Value
Description
Cs
0402
33pF
RohmMCH155A330JK
C1
0402
4.3pF
RohmMCH155A4R3CK
C4
0402
33pF
RohmMCH155A330JK
C5
0402
2.4pF
KyoceraCM05CH240J50AHF
C6
0402
33pF
RohmMCH155A330JK
C7
0402
11pF
RohmMCH155A110JK
C10
0402
100pF
KyoceraCM05CH101J50AHF
C13
0402
33pF
RohmMCH155A330JK
C16
0402
33pF
RohmMCH155A330JK
C18
0402
33pF
RohmMCH155A330JK
L1
0402
11nH
Coilcraft0402CS11NXJBW
L2
0402
3.9nH
TokoLL1005-FHL3N9S
L3
0402
100nH
TokoLL1005-FHLR10J
L4
0402
18nH
TokoLL1005-FHL18NJ
R1
0402
1.8kohm
RohmMCR01MZSJ182
R2
0402
82ohm
RohmMCR01MZSJ820
R4
0402
680ohm
RohmMCR01MZSJ681
Electrical Specifications [5, 6]
TA=25°C,Vdd1=5V,Vdd2=5V,Vbias=5V,FRF=900MHz,unlessstatedotherwise.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Idd1
CurrentatQ1
mA
37
45
53
Idd2
CurrentatQ2
mA
75
110
140
Ibias
BiasCurrentforQ2
mA
5
Gain
AssociatedGain
dB
30.2
31.8
33.8
NF
NoiseFigure
dB
0.66
1.0
OIP3
OutputThirdOrderInterceptPoint
(2-tone@FRF+/-1MHz,Pin=-25dBm)
dBm
38
OP1dB
OutputPowerat1dBGainCompression
dBm
23.5
IRL
InputReturnLoss
dB
13
ORL
OutputReturnLoss
dB
15
S12
ReverseIsolation
dB
-50
Notes:
5. MeasurementsobtainedusingdemoboarddescribedinFigure5withcomponentlistinTable1.InputandOutputtracelossisnotde-embedded
fromthemeasurement.
6. Guaranteedspecificationsare100%testedinproductiontestcircuit.


Similar Part No. - MGA-13516

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13516 AVAGO-MGA-13516 Datasheet
723Kb / 14P
   Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13516 BOARDCOM-MGA-13516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias Low Noise Amplifier
More results

Similar Description - MGA-13516

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-13516 BOARDCOM-MGA-13516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias Low Noise Amplifier
MGA-14516 BOARDCOM-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-14516 AVAGO-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8 AVAGO-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
MGA-631P8 AVAGO-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8_15 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com