Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-6X563 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # DEMO-MGA-6X563
Description  Current-Adjustable, Low Noise Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-6X563 Datasheet(HTML) 3 Page - Broadcom Corporation.

  DEMO-MGA-6X563 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA-6X563 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-6X563 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-6X563 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-6X563 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-6X563 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-6X563 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-6X563 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-6X563 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Product Consistency Distribution Charts at 3V, 2 GHz, R
bias= 620Ω
[1, 2]
Note:
1. Measured on the production test circuit
2. Distribution data sample size is 250 samples taken from 5 different wafers. Future wafers allocated to this product may have nominal values
anywhere between upper and lower limits.
Figure 2. NF @ 2 GHz 3V 40 mA.
USL=1.8, Nominal=1.17.
NF (dB)
1
1.1
1.2
1.3
1.4
150
120
90
60
30
0
Cpk=5.7
stdev=0.03
+3 std
Figure 3. Gain @ 2 GHz 3V 40 mA.
USL=18, LSL=15, Nominal=16.6.
GAIN (dB)
14
15
16
17
19
150
120
90
60
30
0
18
Cpk=1.3
stdev=0.36
+3 std
-3 std
Figure 4. OIP3 @ 2 GHz 3V 40 mA.
LSL=26, Nominal=28.5.
OIP3(dBm)
26
27
28
29
31
60
50
40
30
20
10
0
30
Cpk=1.6
stdev=0.50
-3 std
Figure 5. Id @ 3V.
LSL=32, USL=48, Nominal=41.0.
Id (mA)
32
36
40
44
48
100
80
60
40
20
0
Cpk=2.59
stdev=0.91
+3 std
-3 std
Figure 6. Rbias vs. Id (3V supply).
Id (mA)
090
10
20
30
40
50
60
70
80
2200
2000
1800
1600
1400
1200
1000
800
600
400
200
0
Figure 7. Rbias vs. Id (5V supply).
Id (mA)
090
10
20
30
40
50
60
70
80
5500
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
0


Similar Part No. - DEMO-MGA-6X563

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-6X563A BOARDCOM-DEMO-MGA-6X563A Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
More results

Similar Description - DEMO-MGA-6X563

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-6X563A BOARDCOM-DEMO-MGA-6X563A Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563 AVAGO-MGA-61563_15 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-61563 BOARDCOM-MGA-61563 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563-TR1G AVAGO-MGA-61563-TR1G Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-62563 BOARDCOM-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com