Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-53543 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # MGA-53543
Description  50 MHz to 6 GHz High Linear Amplifi er
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-53543 Datasheet(HTML) 2 Page - Broadcom Corporation.

  MGA-53543 Datasheet HTML 1Page - Broadcom Corporation. MGA-53543 Datasheet HTML 2Page - Broadcom Corporation. MGA-53543 Datasheet HTML 3Page - Broadcom Corporation. MGA-53543 Datasheet HTML 4Page - Broadcom Corporation. MGA-53543 Datasheet HTML 5Page - Broadcom Corporation. MGA-53543 Datasheet HTML 6Page - Broadcom Corporation. MGA-53543 Datasheet HTML 7Page - Broadcom Corporation. MGA-53543 Datasheet HTML 8Page - Broadcom Corporation. MGA-53543 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
MGA-53543 Absolute Maximum Ratings[1]
Symbol
Parameter
Units
Absolute Maximum
V
in
Maximum Input Voltage
V
0.8
V
d
Supply Voltage
V
5.5
P
d
Power Dissipation[2]
mW
400
P
in
CW RF Input Power
dBm
13
T
j
Junction Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
Thermal Resistance [3]
(Vd=5.0V)
jc = 130C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent dam-
age.
2. Source lead temperature is 25°C. Derate
7.7mW/°C for T
L
> 98°C
3. Thermal resistance measured using 150°C
Liquid Crystal Measurement Technique.
Electrical Specifications
T
c
= +25°C, Z
o
= 50 Ω, V
d
= 5V, unless noted
Symbol
Parameter and Test Condition
Frequency
Units
Min.
Typ.
Max.
[3]
I
d
Current Drawn
N/A
mA
40
54
70
2.7
NF [1]
Noise Figure
2.4 GHz
1.9
1.9 GHz
dB
1.5
1.9
0.06
0.9 GHz
1.3
Gain[1]
Gain
2.4 GHz
15.1
1.9 GHz
dB
14
15.4
17.0
0.25
0.9 GHz
17.4
OIP3[1,2]
Output Third Order Intercept Point
2.4 GHz
38.7
1.9 GHz
dBm
36
39.1
1.89
0.9 GHz
39.7
P1dB[1]
Output Power at 1 dB Gain Compression 2.4 GHz
18.3
1.9 GHz
dBm
18.6
0.9 GHz
19.3
PAE[1]
Power Added Effciency at P1dB
1.9 GHz
%
29.7
0.9 GHz
%
28.3
RL
in
[1]
Input Return Loss
2.4 GHz
-12.7
1.9 GHz
dB
-13.2
0.9 GHz
-11.1
RL
out
[1]
Output Return Loss
2.4 GHz
-25.1
1.9 GHz
dB
-14.3
0.9 GHz
-14.4
ISOL[1]
Isolation |s
12
|2
1.9 GHz
dB
-23.4
0.9 GHz
-22.3
Notes:
1. Measurements obtained from a test circuit described in Figure 1. Input and output tuners tuned for maximum OIP3 while keeping VSWR bet-
ter than 2:1. Data corrected for board losses.
2. I) Output power level and frequency of two fundamental tones at 1.9 GHz: F1 = 5.49 dBm, F2 = 5.49 dBm, F1 = 1.905 GHz, and F2 = 1.915 GHz.
II) Output power level and frequency of two fundamental tones at 900 MHz: F1 = -0.38 dBm, F2 = -0.38 dBm, F1 = 905 MHz, and F2 = 915 MHz.
3. Standard deviation data are based on at least 500 pieces sample size taken from 8 wafer lots. Future wafers allocated to this product may have
nominal values anywhere between the upper and lower spec limits.
Figure 1. Block Diagram of 1.9 GHz Test Fixture.
Input Gamma &
Transmission Line
ΓSource = 0.38 ∠ 156°
(0.7 dBm Loss)
RF
Output
RF
Input
Vd
Output Gamma &
Transmission Line with
Bias Tee
ΓLoad = 0.05 ∠ 45°
(0.85 dBm Loss)


Similar Part No. - MGA-53543

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-53543 HP-MGA-53543 Datasheet
181Kb / 14P
   50 MHz to 6 GHz High Linear Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-53543 AVAGO-MGA-53543 Datasheet
147Kb / 14P
   50 MHz to 6 GHz High Linear Amplifi er
logo
Broadcom Corporation.
MGA-53543 BOARDCOM-MGA-53543 Datasheet
147Kb / 14P
   50 MHz to 6 GHz High Linear Amplifi er
More results

Similar Description - MGA-53543

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-53543 BOARDCOM-MGA-53543 Datasheet
147Kb / 14P
   50 MHz to 6 GHz High Linear Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-53543 AVAGO-MGA-53543 Datasheet
147Kb / 14P
   50 MHz to 6 GHz High Linear Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-545P8 BOARDCOM-DEMO-MGA-545P8 Datasheet
117Kb / 9P
   50 MHz to 7 GHz Medium Power Amplifi er
logo
Agilent(Hewlett-Packard...
MGA-53543 HP-MGA-53543 Datasheet
181Kb / 14P
   50 MHz to 6 GHz High Linear Amplifier
logo
Broadcom Corporation.
AMGP-6445 BOARDCOM-AMGP-6445 Datasheet
146Kb / 9P
   40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
logo
API Delevan
QB-969 API-QB-969 Datasheet
34Kb / 1P
   Microwave Amplifi er 500 MHz to 10 GHz Model QB-969
logo
Mini-Circuits
ZHL-100W-13 MINI-ZHL-100W-13 Datasheet
391Kb / 3P
   High Power Amplifi er
logo
DATEL, Inc.
SHM-14 DATEL-SHM-14 Datasheet
250Kb / 5P
   14-Bit Linear Sample-Hold Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity 1.93 ??1.995 GHz Power Amplifi er Module
MGA-43628 AVAGO-MGA-43628 Datasheet
379Kb / 18P
   High Linearity 2.0 ??2.2 GHz Power Amplifi er Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com