Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2063 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2063
Description  SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2063 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2063 Datasheet HTML 3Page - Texas Instruments BQ2063 Datasheet HTML 4Page - Texas Instruments BQ2063 Datasheet HTML 5Page - Texas Instruments BQ2063 Datasheet HTML 6Page - Texas Instruments BQ2063 Datasheet HTML 7Page - Texas Instruments BQ2063 Datasheet HTML 8Page - Texas Instruments BQ2063 Datasheet HTML 9Page - Texas Instruments BQ2063 Datasheet HTML 10Page - Texas Instruments BQ2063 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
bq2063
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
WITH PROTECTOR INTERFACE
SLUS468E– MAY 2001 – REVISED APRIL 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description (continued)
current
The SRC input of the bq2063 measures battery charge and discharge current. The SRC ADC input converts
the current signal from the series sense resistor and stores the result in Current( ). The full-scale input range
to SBC is limited to
±250 mV.
temperature
The bq2063 can use its internal sensor or an external thermistor to develop the temperature reading, depending
on the programming of the EXTH bit in Pack Configuration, EE 0x3f.
The TS input of the bq2063 in conjunction with an NTC thermistor measures the battery temperature as shown
in Figure 13. The bq2063 reports temperature in Temperature( ). THON may be used to switch the bias current
through the external thermistor when the bq2063 samples the TS input. THON is low impedance for 60 ms when
the temperature is measured, and high impedance otherwise.
gas gauge operation
general
The operational overview in Figure 5 illustrates the gas gauge operation of the bq2063. Table 2 describes the
bq2063 registers.
Charge
Efficiency
Compensation
Charge
Current
+
Inputs
Remaining
Capacity
(RM)
Discharge
Current
Temperature
Compensation
Self-Discharge
Timer
+
Full
Charge
Capacity
(FCC)
Discharge
Count
Register
(DCR)
Qualified
Transfer
Temperature, Other Data
Main Counters and
Capacity Reference (FCC)
Outputs
Chip-Controlled
Available Charge
LED Display
Two-Wire
Serial Port
+
+
Battery Load and Light
Discharge Estimate
Figure 5. bq2063 Operational Overview


Similar Part No. - BQ2063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2063 TI1-BQ2063 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2063DBQ TI1-BQ2063DBQ Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2063DBQG4 TI1-BQ2063DBQG4 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
More results

Similar Description - BQ2063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com