Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS0840WS_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SS0840WS_R1_00001
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS0840WS_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SS0840WS_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SS0840WS_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SS0840WS_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SS0840WS_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SS0840WS_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
April 19,2016-REV.02
SS0840WS
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
40 Volt
0.8 Ampere
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOD-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Approx. Weight: 0.00014 ounces, 0.004 grams
• Marking : GW
MAXIMUM RATINGS (T
A=25
oC unless otherwise noted)
CURRENT
ELECTRICAL CHARACTERISTICS (T
A=25
oC unless otherwise noted)
1
2
Cathode
Anode
PA RA M E TE R
S YM BO L
VAL UE
UNITS
M a xi m um Ins t a nta neous F o r war d Vo ltage
V
F
0. 56@ 0 . 8A
V
M a xi mum Re ve rs e C urr e nt
I
R
100@
V R= 40V
uA
NOTE :
1.Mounted on a FR4 PCB, single-sided copper, mini pad.
PA RAM ETER
S Y M BO L
VAL UE
UNI T S
M a xi mum R e cur r ent Pe ak R e ve r s e Vo l t age
V
RRM
40
V
M a xi mum R M S Vo l t a g e
V
RM S
28
V
M a xi mum D C B l o c k i ng Vo l t a g e
V
DC
40
V
M a xi mum A ver age For w ar d C ur r ent
I
F( AV )
0. 8
A
P eak f o r w ar d sur ge cur r ent : 8. 3m s si ng l e ha lf s ine - w ave
supe r i mp osed on r a t ed l oad
I
FSM
8A
Ty pi cal Ther m a l Re s is t anc e ( Not e 1)
R
θJA
650
O C / W
O per a t i ng Junc t i on and St or age Te mp er at ur e R a ng e
T
J ,T STG
- 55 t o + 150
O C
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)


Similar Part No. - SS0840WS_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS0840WS PANJIT-SS0840WS Datasheet
106Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - SS0840WS_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com