Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1030HEWS-AU_R1_000A1 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # SS1030HEWS-AU_R1_000A1
Description  SCHOTTKY BARRIER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1030HEWS-AU_R1_000A1 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  SS1030HEWS-AU_R1_000A1 Datasheet HTML 1Page - Pan Jit International Inc. SS1030HEWS-AU_R1_000A1 Datasheet HTML 2Page - Pan Jit International Inc. SS1030HEWS-AU_R1_000A1 Datasheet HTML 3Page - Pan Jit International Inc. SS1030HEWS-AU_R1_000A1 Datasheet HTML 4Page - Pan Jit International Inc. SS1030HEWS-AU_R1_000A1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
SS1030HEWS-AU
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
PART NO PACKING CODE VERSION
Part No Packing Code
Package Type
Packing Type
Marking
Version
SS1030HEWS-AU_R1_000A1
SOD-323HE
5K pcs / 7" reel
ET
Halogen free
SS1030HEWS-AU_R2_000A1
SOD-323HE
12K pcs / 13" reel
ET
Halogen free
May 23,2016­REV.04


Similar Part No. - SS1030HEWS-AU_R1_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS1030HEWS PANJIT-SS1030HEWS Datasheet
61Kb / 3P
   SCHOTTKY BARRIER DIODE
SS1030HEWS PANJIT-SS1030HEWS_16 Datasheet
271Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1030HEWS_R1_00001 PANJIT-SS1030HEWS_R1_00001 Datasheet
271Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1030HEWS_R2_00001 PANJIT-SS1030HEWS_R2_00001 Datasheet
271Kb / 5P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SS1030HEWS-AU_R1_000A1

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com