Electronic Components Datasheet Search |
|
5750489-4 Datasheet(PDF) 9 Page - TE Connectivity Ltd |
|
5750489-4 Datasheet(HTML) 9 Page - TE Connectivity Ltd |
9 / 14 page 84 Catalog 82068 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 AMPLIMITE Subminiature D Connectors Note: All part numbers are RoHS compliant. HD-20 All-Plastic Straight Posted Connectors (Continued) Receptacle Material and Finish: Housing—94V-0 rated thermoplastic, black Threaded Inserts—Brass, unplated Female Screwlocks—Brass, nickel plated Socket Contacts (Posted)— Phosphor bronze, plated as follows: A—.000030 [0.00076] gold on mating end, tin on termination end, with entire contact .000050 [0.00127] (min.) nickel underplated B—Gold flash on mating end, tin on termination end, with entire contact .000050 [0.00127] (min.) nickel underplated Technical Documents: Product Specification—108-40025 Typical Applications Application of connector with 4-40 Threaded Inserts using Short Female Screwlocks included in Kit No. 207952 Application of connector with 4-40 Fixed Female Screwlocks. (See table on next page.) Note: Hardware parts in illustrations above are not included with the connectors listed in the table on page 85. They are to be supplied by the Customer or, where applicable, purchased separately from TE using the part nos. specified. Long Female Screwlock (1 Kit Req'd.) Panel (Optional) Pc Board Washer Hex Nut Washer Screw Pc Board 4-40 Fixed Female Screwlock Pc Board 4-40 Threaded Insert Panel Short Female Screwlock (2 Req'd.) Application of connector with standard mounting holes using Long Female Screwlock Kit No. 207719 With Standard Mounting Hole With Threaded Insert With Fixed Female Screwlock Mating Face .479±.015 [12.17±0.38] .243 [6.17] .026 [0.66] Dia. Typ. See Table C Max. A Max. +.020 D [-0.508] +.015 [0.381] ±.010 B [±0.25] See customer drawings for pcb layouts. |
Similar Part No. - 5750489-4 |
|
Similar Description - 5750489-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |