Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5786356-4 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # 5786356-4
Description  AMPLIMITE Subminiature D Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5786356-4 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button 5786356-4 Datasheet HTML 6Page - TE Connectivity Ltd 5786356-4 Datasheet HTML 7Page - TE Connectivity Ltd 5786356-4 Datasheet HTML 8Page - TE Connectivity Ltd 5786356-4 Datasheet HTML 9Page - TE Connectivity Ltd 5786356-4 Datasheet HTML 10Page - TE Connectivity Ltd 5786356-4 Datasheet HTML 11Page - TE Connectivity Ltd 5786356-4 Datasheet HTML 12Page - TE Connectivity Ltd 5786356-4 Datasheet HTML 13Page - TE Connectivity Ltd 5786356-4 Datasheet HTML 14Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
86
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HD-22 Straight Subminiature D Connectors
.125 ± .012
[3.18 ± 0.30]
A
±
.015
[± 0.38]
B
±
.010
[± 0.25]
C
±
.015
[± 0.38]
.492 ± .010
[12.50 ± 0.25]
Vertical Plug
.125 ± .012
[3.18 ± 0.30]
Retention Peg
A
±
.015
[± 0.38]
B
±
.010
[± 0.25]
C
±
.015
[± 0.38]
Ø .190
[4.80]
Ref.
.492 ± .010
[12.50 ± 0.25]
Vertical Receptacle
Material and Finish:
Housing—94V-0 rated thermoplastic,
black
L
VESA Std. 15-position Receptacle
Housing Material—Thermoplastic
94V-O blue per VESA Std.
Shell—Steel, nickel plated
Contacts
Pins—Brass
Sockets—Phosphor bronze
Contact Plating—
Gold flash, .000010 [0.00025] or
.000030 [0.00076] on mating end, tin on
solder tails with overall nickel underplate
Boardlocks—Brass, tin plated
Female Screwlocks—Brass, nickel
plated
Threaded Inserts—Brass, tin plated
Technical Documents:
Product Specification—108-1092
Application Specification—
114-13199
See customer drawings for printed
circuit board layouts.
I
Recognized under
the Component Program
of Underwriters
Laboratories, Inc.,
File No. E28476
I
Certified by
Canadian Standards
Association,
File No. LR 7189
R
R
No. of
Dimensions
PCB
Part Numbers
Contact
ABC
Mounting
Mounting
Gold
15µ"
30µ"
Positions
Hardware
Style
Flash
Gold
Gold
1.212
.984
.476
4-40
retention
5750489-4
5750489-3
5750489-1
15
30.80
25.00
12.10
inserts
pegs
1.212
.984
.476
4-40
5749798-4
5749798-3
5749798-1
30.80
25.00
12.10
inserts
78
2.640
2.500
.476
4-40
5749019-6
5749019-5
5749019-1
67.00
63.50
12.10
inserts
No. of
Dimensions
PCB
Part Numbers
Contact
ABC
Mounting
Mounting
Gold
15µ"
30µ"
Positions
Hardware
Style
Flash
Gold
Gold
1.212
.984
.465
4-40
——
5749374-7
5749374-1
30.80
25.00
11.80
inserts
1.212
.984
.465
4-40
5786356-4
5786356-3
5786356-1
15
30.80
25.00
11.80
screw locks
1.212
.984
.465
4-40
retention
——
5749374-3
30.80
25.00
11.80
inserts
pegs
1.212
.984
.465
4-40
retention
5786382-3
5786382-1
30.80
25.00
11.80
screw locks
pegs
1.543
1.310
.465
4-40
5749030-4
5749030-3
5749030-1
26
39.20
33.30
11.80
inserts
1.543
1.310
.465
4-40
retention
5788623-4
5788623-3
39.20
33.30
11.80
screw locks
pegs
62
2.732
2.500
.465
4-40
3-5747786-4
5747786-6
69.40
63.50
11.80
inserts
78
2.638
2.400
.476
4-40
1-5748831-0
5748831-9
5748831-1
67.00
61.00
12.10
inserts


Similar Part No. - 5786356-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
57863-5000 MOLEX11-57863-5000 Datasheet
23Kb / 1P
   1.00/1.27mm I/O Cable Wiring IDT Jig
More results

Similar Description - 5786356-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787190-5 MACOM-5787190-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
5747843-3 MACOM-5747843-3 Datasheet
978Kb / 37P
   AMPLIMITE Subminiature D Connectors
050 MACOM-050 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com