Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1623TI-55 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BS616LV1623TI-55
Description  Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS616LV1623TI-55 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BS616LV1623TI-55 Datasheet HTML 2Page - List of Unclassifed Manufacturers BS616LV1623TI-55 Datasheet HTML 3Page - List of Unclassifed Manufacturers BS616LV1623TI-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers BS616LV1623TI-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers BS616LV1623TI-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers BS616LV1623TI-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers BS616LV1623TI-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers BS616LV1623TI-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers BS616LV1623TI-55 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Revision 1.1
Jan.
2004
6
AC ELECTRICAL CHARACTERISTICS ( TA = -40oC to +85oC )
READ CYCLE
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
BSI
BS616LV1623
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
R0201-BS616LV1623
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output
Timing Reference Level
0.5Vcc
Output Load
CL = 30pF+1TTL
CL = 100pF+1TTL
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
UNIT
t
AVAX
t
RC
Read Cycle Time
70
--
--
55
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
--
--
55
ns
t
ELQV
t
ACS1
Chip Select Access Time
(CE1)
--
--
70
--
--
55
ns
t
ELQV
t
ACS2
Chip Select Access Time
(CE2)
--
--
70
--
--
55
ns
t
BA
t
BA
Data Byte Control Access Time
(LB,UB)
--
--
35
--
--
30
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
35
--
--
30
ns
t
ELQX
t
CLZ
Chip Select to Output Low Z
(CE2,CE1)
10
--
--
10
--
--
ns
t
BE
t
BE
Data Byte Control to Output Low Z (LB,UB)
5
--
--
5
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
5
--
--
5
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z (CE2,CE1)
--
--
35
--
--
30
ns
t
BDO
t
BDO
Data Byte Control to Output High Z (LB,UB)
--
--
35
--
--
30
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
--
--
30
--
--
25
ns
t
AXOX
t
OH
Data Hold from Address Change
10
--
--
10
--
--
ns
(1)
1. tBA is 35ns/30ns (@speed=70ns/55ns) with address toggle .
tBA is 70ns/55ns (@speed=70ns/55ns) without address toggle .
NOTE :
MIN. TYP. MAX.
MIN. TYP. MAX.
Vcc = 2.7~3.6V
Vcc = 3.0~3.6V
CYCLE TIME : 70ns CYCLE TIME : 55ns


Similar Part No. - BS616LV1623TI-55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1622 BSI-BS616LV1622 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TC BSI-BS616LV1622TC Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TC-55 BSI-BS616LV1622TC-55 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TC-55 BSI-BS616LV1622TC-55 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TC-70 BSI-BS616LV1622TC-70 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
More results

Similar Description - BS616LV1623TI-55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1626 BSI-BS616LV1626 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622 BSI-BS616LV1622 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8025 BSI-BS616LV8025 Datasheet
207Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8021 BSI-BS616UV8021 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com