Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-425P8 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # DEMO-MGA-425P8
Description  GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-425P8 Datasheet(HTML) 4 Page - Broadcom Corporation.

  DEMO-MGA-425P8 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
MGA-425P8 Typical Performance Curves, Vds = 3.3V, Ids = 58 mA (at 25°C unless specified otherwise)
Figure 7. OIP3 vs. Temperature and
Frequency.
36
34
32
30
28
26
-40
°C
+25
°C
+85
°C
FREQUENCY (GHz)
2
3
2.5
4
4.5
5
3.5
5.5
6
Figure 8. P1dB vs. Temperature and
Frequency.
22
21
20
19
18
17
16
-40
°C
+25
°C
+85
°C
FREQUENCY (GHz)
2
3
2.5
4
4.5
5
3.5
5.5
6
Figure 9. GAIN vs. Temperature and
Frequency.
22
20
18
16
14
12
10
-40
°C
+25
°C
+85
°C
FREQUENCY (GHz)
2
3
2.5
4
4.5
5
3.5
5.5
6
Figure 10. FMIN vs. Frequency.
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
FREQUENCY (GHz)
0
2
1
4
5
6
3
7
Figure 11. EVM and Current vs. Pout.
7
6
5
4
3
2
1
0
65.5
65.4
65.3
65.2
65.1
65
64.9
64.8
Pout (dBm)
-6
-2
-4
2
4
6
0
8 10 12 14 16
Vd=4V Ids=60 mA
Vd=3.3 Ids=65 mA
Vd=3.3V Ids=80 mA
EVM (%)
Current (mA)


Similar Part No. - DEMO-MGA-425P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-412P8 BOARDCOM-DEMO-MGA-412P8 Datasheet
264Kb / 8P
   GaAs Enhancement-mode pHEMT Power Amplifier optimized for IEEE 802.11b/g applications
DEMO-MGA-43128 BOARDCOM-DEMO-MGA-43128 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
DEMO-MGA-43228 BOARDCOM-DEMO-MGA-43228 Datasheet
380Kb / 19P
   (2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
DEMO-MGA-43X28 BOARDCOM-DEMO-MGA-43X28 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
More results

Similar Description - DEMO-MGA-425P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8_07 Datasheet
240Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
List of Unclassifed Man...
MGA-425P8 ETC-MGA-425P8 Datasheet
136Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
MGA-425P8 BOARDCOM-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT
ATF-521P8 AVAGO-ATF-521P8 Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-412P8 AVAGO-MGA-412P8_15 Datasheet
264Kb / 8P
   GaAs Enhancement-mode pHEMT Power Amplifier
logo
Broadcom Corporation.
MGA-412P8 BOARDCOM-MGA-412P8 Datasheet
264Kb / 8P
   GaAs Enhancement-mode pHEMT Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com