Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-425P8 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # DEMO-MGA-425P8
Description  GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-425P8 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button DEMO-MGA-425P8 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-425P8 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
MGA-425P8 Typical Scattering Parameters (at 25°C, V
DS = 2V, IDS = 20 mA)
Freq.
S
11
S
21
S
12
S
22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.1
0.806
-15.3
24.42 16.629
171.6
-30.46 0.030
80.3
0.657
-8.9
32.67
0.5
0.789
-59
22.96 14.066
147.5
-28.18 0.039
59.9
0.595
-37.6
25.57
0.9
0.799
-92.7
21.38 11.723
128.5
-24.58 0.059
43.4
0.502
-62.6
22.98
1
0.8
-99.5
20.95 11.156
124.4
-24.01 0.063
39.9
0.479
-68.2
22.48
1.5
0.814
-126.2
18.87 8.784
107.8
-22.62 0.074
26.1
0.389
-93.3
20.74
1.9
0.819
-141.1
17.34 7.365
97.5
-22.05 0.079
17.5
0.335
-110.1
19.70
2
0.823
-144.8
16.94 7.03
94.8
-22.05 0.079
15.7
0.328
-115.4
19.49
2.4
0.824
-155.7
15.56 5.999
86.7
-21.72 0.082
9.6
0.3
-129.4
18.64
3
0.828
-168.1
13.77 4.881
76.4
-21.62 0.083
2.1
0.279
-147.1
17.69
3.5
0.83
-176.3
12.50 4.216
69
-21.51 0.084
-2.8
0.268
-158
17.01
3.9
0.827
178.3
11.55 3.778
63.2
-21.51 0.084
-6.9
0.269
-164.9
16.53
4
0.84
176.9
11.23 3.643
63.2
-21.62 0.083
-6.3
0.272
-169.6
16.42
4.5
0.834
170.7
10.34 3.288
56.4
-21.51 0.084
-10.8
0.267
-175.5
15.93
5
0.837
164.9
9.48
2.977
50.6
-21.41 0.085
-14.2
0.266
177.8
15.44
5.1
0.837
163.8
9.33
2.926
49.4
-21.41 0.085
-15
0.265
176.6
15.37
5.2
0.836
162.7
9.17
2.875
48.2
-21.41 0.085
-15.7
0.263
175.7
15.29
5.3
0.836
161.7
9.01
2.821
46.9
-21.41 0.085
-16.5
0.264
175
15.21
5.4
0.835
160.6
8.86
2.772
45.7
-21.41 0.085
-17.2
0.265
173.8
15.13
5.5
0.836
159.6
8.70
2.723
44.5
-21.41 0.085
-18.1
0.264
172.6
15.06
5.6
0.836
158.6
8.56
2.679
43.2
-21.41 0.085
-18.9
0.262
171.6
14.99
5.7
0.837
157.5
8.40
2.631
42
-21.41 0.085
-19.8
0.263
170.9
14.91
5.8
0.836
156.4
8.25
2.584
40.6
-21.41 0.085
-20.7
0.264
170.1
14.83
6
0.842
155.3
7.82
2.461
38.2
-21.51 0.084
-22.3
0.268
168.9
14.67
7
0.846
144.7
6.40
2.09
27.5
-21.72 0.082
-28.8
0.281
158.9
14.06
8
0.838
134.4
5.23
1.827
16.3
-21.41 0.085
-34.4
0.283
145.7
13.32
9
0.842
123.3
4.30
1.641
6
-21.83 0.081
-42.6
0.322
132.3
13.07
10
0.846
112.6
3.30
1.462
-6.9
-21.62 0.083
-49.9
0.366
115.3
12.46
11
0.857
102.3
2.03
1.264
-17.6
-22.50 0.075
-56.5
0.391
102.3
9.68
12
0.87
92.5
1.10
1.135
-28.5
-22.62 0.074
-63.9
0.44
96.1
9.62
13
0.883
84
0.01
1.001
-39.5
-23.10 0.07
-70.6
0.482
89.3
9.26
14
0.885
76.3
-1.15
0.876
-49.5
-23.61 0.066
-77.1
0.512
84.8
8.08
15
0.893
69.3
-2.24
0.773
-58.2
-24.44 0.06
-82.5
0.534
81.7
7.30
16
0.881
61
-3.19
0.693
-67.2
-24.73 0.058
-87.6
0.56
77.5
5.78
17
0.87
53.2
-4.19
0.617
-75.9
-25.04 0.056
-91.7
0.583
72.1
4.36
18
0.884
45.1
-5.32
0.542
-85.1
-26.74 0.046
-94.9
0.608
63.5
3.72
Freq
F
min
Γ
opt
Γ
opt
R
n/50
NF @
GHz
dB
Mag.
Ang.
50 dB
0.9
0.9
0.09
-123.9
0.08
0.91
1.5
0.99
0.2
170.4
0.08
1.02
1.9
1.04
0.25
166.7
0.07
1.13
2
1.06
0.25
168.1
0.07
1.16
2.4
1.12
0.27
170.1
0.07
1.28
3
1.2
0.33
173.4
0.06
1.45
3.5
1.27
0.38
178
0.06
1.6
3.9
1.33
0.41
-179.5
0.06
1.71
4.5
1.41
0.45
-174.8
0.06
1.87
5
1.49
0.47
-171.6
0.06
2.04
5.2
1.51
0.48
-170.3
0.06
2.09
5.5
1.56
0.49
-167.3
0.06
2.18
5.8
1.6
0.51
-165
0.06
2.27
6
1.63
0.52
-163.4
0.06
2.33
7
1.77
0.54
-154.5
0.09
2.62
8
1.91
0.56
-143.5
0.14
2.95
9
2.05
0.58
-131.6
0.24
3.18
10
2.16
0.61
-120.2
0.32
3.56
Note:
1. S Parameter is measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the gate lead.
The output reference plane is at the end of the drain lead.
Typical Noise Parameters, V
DS = 2V, IDS = 20 mA
Figure 17. MSG/MAG & |S21|2 vs.
Frequency at 2V, 20 mA.
40
30
20
10
0
-10
FREQUENCY (GHz)
0
10
5
15
20
MAG
MSG
S21


Similar Part No. - DEMO-MGA-425P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-412P8 BOARDCOM-DEMO-MGA-412P8 Datasheet
264Kb / 8P
   GaAs Enhancement-mode pHEMT Power Amplifier optimized for IEEE 802.11b/g applications
DEMO-MGA-43128 BOARDCOM-DEMO-MGA-43128 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
DEMO-MGA-43228 BOARDCOM-DEMO-MGA-43228 Datasheet
380Kb / 19P
   (2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
DEMO-MGA-43X28 BOARDCOM-DEMO-MGA-43X28 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
More results

Similar Description - DEMO-MGA-425P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8_07 Datasheet
240Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
List of Unclassifed Man...
MGA-425P8 ETC-MGA-425P8 Datasheet
136Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
MGA-425P8 BOARDCOM-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT
ATF-521P8 AVAGO-ATF-521P8 Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-412P8 AVAGO-MGA-412P8_15 Datasheet
264Kb / 8P
   GaAs Enhancement-mode pHEMT Power Amplifier
logo
Broadcom Corporation.
MGA-412P8 BOARDCOM-MGA-412P8 Datasheet
264Kb / 8P
   GaAs Enhancement-mode pHEMT Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com