Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1060VHEWS_R1_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SS1060VHEWS_R1_00001
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1060VHEWS_R1_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SS1060VHEWS_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SS1060VHEWS_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SS1060VHEWS_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SS1060VHEWS_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SS1060VHEWS_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc. SS1060VHEWS_R1_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
April 19,2016-REV.01
SS1060VHEWS
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage
VBR
I R=100
μA
TA=25oC60
-
-
V
Instantaneous forward voltage
VF
I F=0.1A
I F=0.7A
I F=1.0A
TA=25oC
-
-
-
0.34
0.49
0.55
0.45
0.58
0.60
V
I F=0.1A
I F=0.7A
I F=1.0A
TA=125oC
-
-
-
0.21
0.45
0.53
-
-
-
V
Reverse current
I R
VR=48V
TA=25oC-
5.1
-
μA
VR=60V
TA=25oC
TA=125oC
-
-
-
10
100
-
μA
mA
Typical Junction capacitance
CJ
VR=0V , f=1MHz
-
136
-
pF


Similar Part No. - SS1060VHEWS_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS1060VHEWS PANJIT-SS1060VHEWS Datasheet
182Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS1060VHEWS_R1_00001

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com