Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

840N021BGILFT Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 840N021BGILFT
Description  FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

840N021BGILFT Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 840N021BGILFT Datasheet HTML 5Page - Integrated Device Technology 840N021BGILFT Datasheet HTML 6Page - Integrated Device Technology 840N021BGILFT Datasheet HTML 7Page - Integrated Device Technology 840N021BGILFT Datasheet HTML 8Page - Integrated Device Technology 840N021BGILFT Datasheet HTML 9Page - Integrated Device Technology 840N021BGILFT Datasheet HTML 10Page - Integrated Device Technology 840N021BGILFT Datasheet HTML 11Page - Integrated Device Technology 840N021BGILFT Datasheet HTML 12Page - Integrated Device Technology 840N021BGILFT Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FEMTOCLOCK® NG CRYSTAL-TO-LVCMOS/LVTTL CLOCK
SYNTHESIZER
9
REVISION A 8/14/15
840N021 DATA SHEET
Power Considerations
This section provides information on power dissipation and junction temperature for the 840N021.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the 840N021 is the sum of the core power plus the analog power plus the power dissipated in the load(s). The
following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
Power (core)MAX = VDD_MAX * (IDD + IDDA) = 3.465V *(67mA + 18mA) = 294.53mW
Output Impedance ROUT Current due to Loading 50 to VDD/2
Output Current IOUT = VDD_MAX / [2 * (50 + ROUT)] = 3.465V / [2 * (50 + 15)] = 26.7mA
Power Dissipation on the ROUT per LVCMOS output
Power (ROUT) = ROUT * (IOUT)2 = 15 * (26.7mA)2 = 10.7mW per output
Total Power (ROUT) = 10.7mW * 1 = 10.7mW
Dynamic Power Dissipation at 125MHz
Power (125MHz) = CPD * Frequency * (VDD)2 = 11pF * 125MHz * (3.465V)2 = 16.51mW per output
Total Power (125MHz) = 16.51mW * 1 = 16.51mW
Total Power Dissipation
Total Power
= Power (core)MAX + Power (ROUT) + Power (125MHz)
= 294.53mW + 10.7mW + 16.51mW
= 321.74mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 117°C/W per Table 5 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.322W *117°C/W = 122.7°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 6. Thermal Resistance
JA for 8 Lead TSSOP, Forced Convection
JA by Velocity
Meters per Second
0
Multi-Layer PCB, JEDEC Standard Test Boards
117°C/W


Similar Part No. - 840N021BGILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
840N021BGI-01LF RENESAS-840N021BGI-01LF Datasheet
939Kb / 13P
   FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
840N021BGI-01LFT RENESAS-840N021BGI-01LFT Datasheet
939Kb / 13P
   FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
More results

Similar Description - 840N021BGILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
840N021 RENESAS-840N021 Datasheet
512Kb / 14P
   FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock
8/14/15
840N022 RENESAS-840N022 Datasheet
456Kb / 14P
   FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock
8/14/15
logo
Integrated Device Techn...
ICS840N011I IDT-ICS840N011I Datasheet
465Kb / 12P
   FemtoClock NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
ICS840N051I IDT-ICS840N051I Datasheet
255Kb / 14P
   FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
logo
Renesas Technology Corp
ICS840N021I-01 RENESAS-ICS840N021I-01 Datasheet
939Kb / 13P
   FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
ICS840N051I RENESAS-ICS840N051I Datasheet
617Kb / 15P
   FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
OCTOBER 14, 2013
ICS840N011I RENESAS-ICS840N011I Datasheet
802Kb / 13P
   FemtoClock® NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
2019
logo
Integrated Device Techn...
840N022 IDT-840N022 Datasheet
181Kb / 13P
   FemtoClock짰 NG Crystal-to-LVCMOS/LVTTL Clock
logo
Renesas Technology Corp
ICS840022I-02 RENESAS-ICS840022I-02 Datasheet
567Kb / 15P
   FemtoClock® Crystal-to-LVCMOS/LVTTL Clock Generator
2019
840011 RENESAS-840011 Datasheet
403Kb / 14P
   FemtoClock® Crystal-to-LVCMOS/ LVTTL Clock Generator
5/20/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com